Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP104FS-Z Datasheet(PDF) 4 Page - OSRAM GmbH

Part # BP104FS-Z
Description  Silizium-Pin-Fotodiode mit Tageslichtsperrfilter; in SMT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BP104FS-Z Datasheet(HTML) 4 Page - OSRAM GmbH

  BP104FS-Z Datasheet HTML 1Page - OSRAM GmbH BP104FS-Z Datasheet HTML 2Page - OSRAM GmbH BP104FS-Z Datasheet HTML 3Page - OSRAM GmbH BP104FS-Z Datasheet HTML 4Page - OSRAM GmbH BP104FS-Z Datasheet HTML 5Page - OSRAM GmbH BP104FS-Z Datasheet HTML 6Page - OSRAM GmbH BP104FS-Z Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BP 104 F, BP 104 FS
2005-03-14
4
Relative Spectral Sensitivity
S
rel = f (λ)
Dark Current
I
R = f (VR), E = 0
Directional Characteristics
S
rel = f (ϕ)
λ
OHF00368
0
rel
S
700
20
40
60
80
%
100
nm
800
900
1000
1200
OHFD1781
R
Ι
0
0
VR
pA
V
5
10
15
20
1000
2000
3000
4000
OHF01402
90
80
70
60
50
40
30
20
10
20
40
60
80
100
120
0.4
0.6
0.8
1.0
ϕ
0.2
0.4
0.6
0.8
1.0
100
0
0
0
Photocurrent
I
P = f (Ee), VR = 5 V
Open-Circuit Voltage
V
O = f (Ee)
Capacitance
C = f (V
R), f = 1 MHz, E = 0
E
OHF01056
e
0
10
P
Ι
-1
10
10
1
10
2
10
4
10
0
10
1
10
2
10
34
10
3
10
2
10
1
10
10
0
V
O
µAmV
Ι
P
V
O
2
W/cm
µ
V
OHF01778
R
-2
10
C
10
-1
10
0
10
1
10
2
V
0
10
20
30
40
50
pF
60
Total Power Dissipation
P
tot = f (TA)
Dark Current
I
R = f (TA), VR = 10 V, E = 0
T
OHF00958
A
0
tot
P
0
20
40
60
80 ˚C 100
mW
20
40
60
80
100
120
140
160
T
OHF00082
A
-1
10
0
R
Ι
10
0
10
1
10
2
10
3
nA
20
40
60
80 ˚C 100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com