Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP104FS-Z Datasheet(PDF) 5 Page - OSRAM GmbH

Part # BP104FS-Z
Description  Silizium-Pin-Fotodiode mit Tageslichtsperrfilter; in SMT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BP104FS-Z Datasheet(HTML) 5 Page - OSRAM GmbH

  BP104FS-Z Datasheet HTML 1Page - OSRAM GmbH BP104FS-Z Datasheet HTML 2Page - OSRAM GmbH BP104FS-Z Datasheet HTML 3Page - OSRAM GmbH BP104FS-Z Datasheet HTML 4Page - OSRAM GmbH BP104FS-Z Datasheet HTML 5Page - OSRAM GmbH BP104FS-Z Datasheet HTML 6Page - OSRAM GmbH BP104FS-Z Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BP 104 F, BP 104 FS
2005-03-14
5
Maßzeichnung
Package Outlines
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
GEOY6075
4.0 (0.157)
3.7 (0.146)
4.3 (0.169)
4.5 (0.177)
5.4 (0.213)
4.9 (0.193)
0.6 (0.024)
0.4 (0.016)
0.3 (0.012)
0.5 (0.020)
0.8 (0.031)
0.6 (0.024)
Cathode marking
Chip position
0.4 (0.016)
0.6 (0.024)
0.35 (0.014)
0.2 (0.008)
0 ... 5˚
5.08 (0.200)
spacing
Approx. weight 0.1 g
Photosensitive area
2.20 (0.087) x 2.20 (0.087)
BP 104 F
4.5 (0.177)
4.3 (0.169)
Photosensitive area
Cathode lead
GEOY6861
6.7 (0.264)
6.2 (0.244)
Chip position
1.1 (0.043)
0.9 (0.035)
2.20 (0.087) x 2.20 (0.087)
1.6 (0.063)±0.2 (0.008)
BP 104 FS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com