Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MVSC1 Datasheet(PDF) 1 Page - MMD Components

Part # MVSC1
Description  MVSC Series VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MVSC1 Datasheet(HTML) 1 Page - MMD Components

  MVSC1 Datasheet HTML 1Page - MMD Components MVSC1 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
03/25/11 B
Revisions only with customer approval
Pg 1 of 2
M
MV
VS
SC
C S
Se
erriie
ess V
VC
CX
XO
O
 RoHS Compliant
 Hermetically Sealed
 3.2 x 2.5 Ceramic SMD Package
Environmental & Mechanical Detail
Marking Detail
Two output Frequency options
27.000MHz & 55.000MHz
Frequency Stability *
(See Part Number Guide for Options)
Frequency Pull Range
±100ppm min(STD),±150ppm min (Option)
Aging (+25°C ±3°C) Per Year
±3ppm max
Supply Voltage (±10%)
+1.80 VDC
+2.50VDC
+3.30VDC
Supply Current
10mA max
Pin 1 Control Voltage
0.9V ± 0.75V
1.25V ± 1.05V
1.65V ± 1.35V
Linearity
10% max
Slope
Positive
Output Type
CMOS
Logic 0 Low Output
10% Vdd Max
Logic 1 High Output
90%Vdd Min
Symmetry (50% of waveform)
45% to 55%
Rise/Fall Time (10% to 90% of Supply Voltage)
5nSec max
Load Capacity
15pF
Start-up Time
5mSec max
Phase Jitter (12KHz—20 MHz)
1.0ps max
Phase Period Jitter
2.5ps max
Temperature Operating Range
(See Part Number Guide for Options)
Temperature Storage Range
-55°C to +125°C
*Inclusive of Temperature, Load and Voltage
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Digit Date Code (Year /
Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20


Similar Part No. - MVSC1

ManufacturerPart #DatasheetDescription
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
VCXO
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
Hermetically Sealed
MVSC1 MMD-MVSC1_12 Datasheet
129Kb / 2P
VCXO
More results

Similar Description - MVSC1

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VCXO-105N KSS-VCXO-105N Datasheet
149Kb / 1P
VCXO
logo
List of Unclassifed Man...
C5379 ETC-C5379 Datasheet
35Kb / 3P
VCXO
logo
Nel Frequency Controls,...
SH-A3200 NEL-SH-A3200 Datasheet
179Kb / 2P
VCXO Series (CMOS)
logo
Advanced XTAL Products
AXIS60-11 AXTAL-AXIS60-11 Datasheet
67Kb / 2P
VCXO
2005-07-15
AXIS100-03 AXTAL-AXIS100-03 Datasheet
53Kb / 2P
VCXO
2005-06-10
AXIS207 AXTAL-AXIS207 Datasheet
54Kb / 2P
VCXO
2008-05-07
logo
MMD Components
MVAH MMD-MVAH_12 Datasheet
88Kb / 2P
MVAH Series VCXO
MVIH MMD-MVIH_13 Datasheet
137Kb / 2P
MVIH Series VCXO
MVLPMVLL MMD-MVLPMVLL_12 Datasheet
106Kb / 2P
VCXO
logo
Nel Frequency Controls,...
PJ-A3670 NEL-PJ-A3670 Datasheet
99Kb / 3P
VCXO Series (PECL)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com