Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXC Datasheet(PDF) 1 Page - MMD Components

Part # MXC
Description  2.0 x 2.5 Ceramic SMD Oscillatorr
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MXC Datasheet(HTML) 1 Page - MMD Components

  MXC Datasheet HTML 1Page - MMD Components MXC Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
08/12/11 C
Subject to change without notice
Pg 1 of 2
Revision:
M
MX
XC
C S
Se
erriie
ess 2
2..0
0 x
x 2
2..5
5 C
Ce
erra
am
miicc S
SM
MD
D O
Osscciilllla
atto
orr
 Low Profile SMD Package
 Hermetically Sealed
 Wide Frequency Range
 Custom Options Available
Frequency Range
0.5MHZ to 110.000MHZ
Frequency Stability
(See Part Number Guide for Options)
Aging (+25°C ±3°C)
±3ppm max
Supply Voltage ±10% (Vdd)
+1.80 VDC
+2.50 VDC
+3.30 VDC
Supply Current
15mA max
Output Waveform
CMOS 15pF
Output Low Logic “0”
10% Vdd max
Output High Logic “1”
90% Vdd min
Symmetry (50% of waveform)
(See Part Number Guide for Options)
Start-up Time
5mSec max
Rise and Fall Time
7nSec max
Phase Jitter (12KHZ ~20MHZ)
1pSec max
Period Jitter (Peak to Peak)
±50pSec max
Tri-State Operation
Voh = 70% of Vdd min to Enable Output
Vol = 30% max or grounded to Disable Output
(High Impedance)
Temperature Stability*
(See Part Number Guide for Options)
Temperature Operating Range
(See Part Number Guide for Options)
Temperature Storage Range
-55°C TO +125°C
* Inclusive of Temperature., Load and Voltage
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Environmental & Mechanical Detail
Marking Detail
First Line =
XX.XX
(5 characters Max)
XX.XX =
Device Frequency
(four digits including decimal
point)
Second Line = SYWW
(5 characters Max)
S =
Manufacturer Identifier
(may be one or two letters)
YWW = Date Code (Year/Week)
Pin 1 Indicator
L = RoHS Compliant


Similar Part No. - MXC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MXC RUBYCON-MXC Datasheet
79Kb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Sensata Technologies, I...
MXC SENSATA-MXC Datasheet
331Kb / 5P
600 AMP, 48 VOLT CAN-BUS CONTACTOR
Rev03-Nov-2021
logo
Adlink Technology Inc.
MXC-2300 ADLINK-MXC-2300 Datasheet
536Kb / 2P
Embedded Computer
MXC-2300-3E1 ADLINK-MXC-2300-3E1 Datasheet
536Kb / 2P
Embedded Computer
MXC-2300-3S ADLINK-MXC-2300-3S Datasheet
536Kb / 2P
Embedded Computer
More results

Similar Description - MXC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSZT-CW ABRACON-AWSZT-CW Datasheet
1Mb / 2P
2.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
logo
MMD Components
MXH MMD-MXH Datasheet
52Kb / 1P
2.0 x 2.5 Ceramic SMD Oscillator
logo
ILSI America LLC
I583 ILSI-I583 Datasheet
53Kb / 2P
2.0 mm x 2.5 mm Ceramic Package SMD TCXO
I587 ILSI-I587 Datasheet
87Kb / 2P
2.0 mm x 2.5 mm Ceramic Package SMD TCXO
logo
MMD Components
MXH MMD-MXH_12 Datasheet
131Kb / 2P
2.0 x 2.5 Ceramic SMD Oscillator
MXH1 MMD-MXH1_12 Datasheet
119Kb / 2P
2.0 x 2.5 Ceramic SMD Oscillator
logo
EUROQUARTZ limited
XO22 EUROQUARTZ-XO22 Datasheet
222Kb / 2P
2.5 x 2.0 x 0.9mm SMD HCMOS
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
logo
Transko Electronics, In...
CS22 TRANSKO-CS22 Datasheet
172Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.5 x 2.0 x 0.55mm)
Rev. 6: 10-10-19
logo
Xtaltq Technologies Co....
BS2520A XTALTQ-BS2520A Datasheet
210Kb / 2P
Typical 2.5 x 2.0 x 0.81 mm ceramic SMD package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com