Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF310 Datasheet(PDF) 2 Page - MMD Components

Part # TF310
Description  TF310 Series Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

TF310 Datasheet(HTML) 2 Page - MMD Components

  TF310 Datasheet HTML 1Page - MMD Components TF310 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
TF310091310D
Specifications are subject to change without notice.
Pg 2
Part Number Guide
Mechanical Details
ESR Chart
10.31 [.406]
DIMENSION IN BRACKETS ARE IN INCHES
3.10 [.122]
1.10 [.043]
10.00 [.394]
0.30 [.012]
Frequency Range
ESR (Ohms)
Mode / Cut
3.57954MHz to 5.299MHz
150 Max
Fund / AT
5.500MHz to 5.999MHz
100 Max
Fund / AT
6.000MHz to 9.999MHz
80 Max
Fund / AT
10.000MHz to 11.999MHz
60 Max
Fund / AT
12.000MHz to 15.999MHz
50 Max
Fund / AT
16.000MHz to 36.000MHz
40 Max
Fund / AT
26.000MHz to 36.000MHz
100 Max
3rd OT/AT
36.000MHz to 65.000MHz
80 Max
3rd OT/AT
Please Consult with MMD Sales Deparment for any other Parameters or Options
F = ±30 ppm / ±30 ppm
E = ±50 ppm / ±50 ppm
B = ±30 ppm / ±50 ppm
Tolerance/Stability
Temperature
B = -20°C to +70°c
D = -10°C to +60°c
Operating Temperature
Or Specify
Blank = 12.5pF
Load Capacitance
TF310
Frequency
3mm X 10mm
Cylindrical Crystal



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com