Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF310 Datasheet(PDF) 1 Page - MMD Components

Part # TF310
Description  TF310 Series Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

TF310 Datasheet(HTML) 1 Page - MMD Components

  TF310 Datasheet HTML 1Page - MMD Components TF310 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
TF310091310D
Specifications are subject to change without notice.
Pg 1
T
TF
F3
31
10
0 S
Se
erriie
ess C
Crryysstta
all
 3mm X 10mm Cylindrical
 AT Strip Cylindrical Crystal
 RoHS Compliant
 Thru-Hole Device
Environmental & Mechanical Detail
Marking Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Frequency Range
3.579545MHz to 65.000MHz
Frequency Tolerance / Stability
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature
-40°C to +85°C
Aging
±5ppm per first year max
Shunt Capacitance
5pF Max
Load Capacitance
12.5pF Standard
(See Part Number Guide for Options)
Equivalent Series Resistance (ESR)
See ESR Chart
Mode of Operation
Fundamental or 3rd OT
Drive Level
10µW to 100µW recommended,
2mW Max
Insulation Resistance
500 Megaohms Min at 100VDC ±15VDC
Hermeticity of Seal
1 x 10-2 mPa (m3/s) Max
Shock Resistance
±5ppm max (drop test onto a hard wooden board from 75cm)
Line 1 = Frequency


Similar Part No. - TF310

ManufacturerPart #DatasheetDescription
logo
MMD Components
TF310 MMD-TF310 Datasheet
346Kb / 2P
3 x 8mm, 3 x 8.5mm, 3 x 10mm Cylindrical
logo
Soshin electric Co., Lt...
TF3100C-TX SOSHIN-TF3100C-TX Datasheet
198Kb / 4P
3-phase 3-line 500VAC Super High Attenuation with serge protection
More results

Similar Description - TF310

ManufacturerPart #DatasheetDescription
logo
MMD Components
WC315 MMD-WC315 Datasheet
64Kb / 1P
32.768KHZ Crystal Series
A MMD-A_13 Datasheet
74Kb / 3P
A Series Crystal
H MMD-H_13 Datasheet
106Kb / 2P
H Series Crystal
WC146SM MMD-WC146SM_12 Datasheet
114Kb / 2P
WC146SM Series Crystal
WC415 MMD-WC415_12 Datasheet
95Kb / 2P
WC415 Series Crystal
WC519 MMD-WC519_12 Datasheet
98Kb / 2P
WC519 Series Crystal
logo
Cree, Inc
FCN13595 CREE-FCN13595 Datasheet
1Mb / 28P
Crystal series
FCN13552 CREE-FCN13552 Datasheet
713Kb / 19P
Crystal series
F12985 CREE-F12985 Datasheet
270Kb / 12P
Crystal series
F12916 CREE-F12916 Datasheet
110Kb / 7P
Crystal series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com