Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

694-3-R100KD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 694-3-R100KD
Description  Isolated, bussed and other circuits Thin film resistor network 0.300??PDIP packages
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

694-3-R100KD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  694-3-R100KD Datasheet HTML 1Page - List of Unclassifed Manufacturers 694-3-R100KD Datasheet HTML 2Page - List of Unclassifed Manufacturers 694-3-R100KD Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
694, 698,
694, 698,
694, 698,
694, 698, 699
699
699
699
BI Technologies Corporation
4200 Bonita Place
Fullerton, CA 92835 USA
Website: www.bitechnologies.com
May 29, 2008
page 2 of 3
BI technologies
PACKAGE POWER AND DE
PACKAGE POWER AND DE
PACKAGE POWER AND DE
PACKAGE POWER AND DERATING CURVE
RATING CURVE
RATING CURVE
RATING CURVE
Model
Package Power @ 70°°°°C(watts)
4
694
0.4
698
0.6
699
0.6
ENVIRONMENTAL (MIL
ENVIRONMENTAL (MIL
ENVIRONMENTAL (MIL
ENVIRONMENTAL (MIL----R
R
R
R----83401)
83401)
83401)
83401)
Thermal Shock plus Power Conditioning
∆R 0.25%
Short Time Overload
∆R 0.1%
Terminal Strength
∆R 0.1%
Moisture Resistance
∆R 0.2%
Mechanical Shock
∆R 0.25%
Vibration
∆R 0.25%
Low Temperature Operation
∆R 0.1%
High Temperature Exposure
∆R 0.1%
Load Life, 1,000 Hours
∆R 0.1%
Resistance to Solder Heat
∆R 0.1%
Dielectric Withstanding Voltage
200V for 1 minute
Marking Permanency
MIL-STD-202, Method 215
Lead Solderability
MIL-STD-202, Method 208
Flammability
UL-94V-0 Rated
Storage Temperature Range
-65°C to +125°C
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
Lead Plating
80/20 Tin Lead (Standard)
100 matte Tin (RoHS)
Lead Material
Copper Alloy
Lead Configuration
Thru hole
Substrate Material
Alumina
Resistor Material
Passivated Nichrome
Body Material
Molded Epoxy
4
Maximum power per resistor @ 70°C is 100 mW, not to exceed package power



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com