Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

694-3-R100KD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 694-3-R100KD
Description  Isolated, bussed and other circuits Thin film resistor network 0.300??PDIP packages
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

694-3-R100KD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  694-3-R100KD Datasheet HTML 1Page - List of Unclassifed Manufacturers 694-3-R100KD Datasheet HTML 2Page - List of Unclassifed Manufacturers 694-3-R100KD Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
694, 698,
694, 698,
694, 698,
694, 698, 699
699
699
699
BI Technologies Corporation
4200 Bonita Place
Fullerton, CA 92835 USA
Website: www.bitechnologies.com
May 29, 2008
page 3 of 3
BI technologies
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
5
5
5
5
RESISTANCE VALUE
RESISTANCE VALUE
RESISTANCE VALUE
RESISTANCE VALUE
5
5
5
5
Standard values follow E96 table. Character “K” denotes a multiplier of 1000.
RESISTANCE TOLERANCE
RESISTANCE TOLERANCE
RESISTANCE TOLERANCE
RESISTANCE TOLERANCE CODE
CODE
CODE
CODE
Accuracy Code at 25°C
A
B
D
F
Absolute Resistance Tolerances (%)
±0.1
±0.1
±0.5
±1.0
Ratio Tolerances (R1 Ref) (%)
±0.05
±0.1
±0.1
±1.0
PACKAGING OPTIONS (U
PACKAGING OPTIONS (U
PACKAGING OPTIONS (U
PACKAGING OPTIONS (UNIT COUNT/TUBE)
NIT COUNT/TUBE)
NIT COUNT/TUBE)
NIT COUNT/TUBE)
Model + Pin count
694
100
699
50
698
50
TYPICAL MARKING
TYPICAL MARKING
TYPICAL MARKING
TYPICAL MARKING
5
Consult customer service for custom designs and features.
69 4 -3-R10K A LF
Model Series:
69 = Passivated Nichrome
on Ceramic
Number of Leads:
4= 8 leads
9=14 leads
8=16 leads
Lead Finish:
No Code = SnPb
LF = Lead free (RoHS)
Tolerance Code
Resistance Value
Circuit Type:
1=Bussed
3=Isolated
6=Binary (Only available as 694 model with B tolerance)
7=Decade (Only available as 694 model with B tolerance)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com