Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN95029 Datasheet(PDF) 1 Page - API Technologies Corp

Part # MN95029
Description  375 MHz Delay Line 2.25 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MN95029 Datasheet(HTML) 1 Page - API Technologies Corp

  MN95029 Datasheet HTML 1Page - API Technologies Corp MN95029 Datasheet HTML 2Page - API Technologies Corp MN95029 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
375 MHz Delay Line
2.25 MHz Bandwidth
Part Number MN95029
IDT •••• SAW Products •••• 324 Clark Street, Worcester, MA 01606, USA •••• Ph 1-508-852-5400 •••• Fax 1-508-852-8456
www.idt.com
DSMN95029
Rev -
21-Oct-2008
ECN 36187 Page 1 of 3
DESCRIPTION
•
375 MHz SAW delay line with 2.25 MHz bandwidth.
•
5 x 7 mm ceramic LCC.
•
RoHS compliant.
TYPICAL PERFORMANCE
S11 (365–385 MHz)
S22 (365-385 MHz)
Amp
10 dB/div
Amp
1 dB/div
Phase
10 deg/div
Delay
100 ns/div
Center = 375 MHz, 2 MHz/div (25 kHz incr)


Similar Part No. - MN95029

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MN95015 APITECH-MN95015 Datasheet
77Kb / 3P
1030 MHz SAW Filter 12 MHz Bandwidth
MN95016 APITECH-MN95016 Datasheet
78Kb / 3P
1090 MHz SAW Filter 12 MHz Bandwidth
MN95031 APITECH-MN95031 Datasheet
78Kb / 3P
1030 MHz Resonator 0.2 MHz Bandwidth
More results

Similar Description - MN95029

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0881DL02211S ICST-SF0881DL02211S Datasheet
61Kb / 2P
881.5 MHz Delay Line 25 MHz bandwidth
Rev X2
SF1575DL03104S ICST-SF1575DL03104S Datasheet
161Kb / 2P
1575 MHz Delay Line 20 MHz Bandwidth
Rev X3
logo
API Technologies Corp
SD1960BA03204S APITECH-SD1960BA03204S Datasheet
154Kb / 3P
1960 MHz SAW Delay Line 60 MHz Bandwidth
SD0696BA03217S APITECH-SD0696BA03217S Datasheet
166Kb / 3P
696.42 MHz Delay Line 1.4 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0850DL01825T SPECTRUM-SF0850DL01825T Datasheet
148Kb / 3P
850 MHz SAW delay Line 80 MHz Bandwidth
SF0881DL02211S SPECTRUM-SF0881DL02211S Datasheet
151Kb / 3P
881.5 MHz SAW delay Line 25 MHz Bandwidth
SF1575DL03104S SPECTRUM-SF1575DL03104S Datasheet
87Kb / 3P
1575 MHz Delay Line 20 MHz Bandwidth
logo
API Technologies Corp
SF0850DL01825T APITECH-SF0850DL01825T Datasheet
148Kb / 3P
850 MHz SAW delay Line 80 MHz Bandwidth
SF0881DL02211S APITECH-SF0881DL02211S Datasheet
151Kb / 3P
881.5 MHz SAW delay Line 25 MHz Bandwidth
SF1575DL03104S APITECH-SF1575DL03104S Datasheet
87Kb / 3P
1575 MHz Delay Line 20 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com