Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN95031 Datasheet(PDF) 1 Page - API Technologies Corp

Part # MN95031
Description  1030 MHz Resonator 0.2 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MN95031 Datasheet(HTML) 1 Page - API Technologies Corp

  MN95031 Datasheet HTML 1Page - API Technologies Corp MN95031 Datasheet HTML 2Page - API Technologies Corp MN95031 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1030 MHz Resonator
0.2 MHz Bandwidth
Part Number MN95031
IDT
•••• SAW Products •••• 324 Clark Street, Worcester, MA 01606, USA •••• Ph 1-508-852-5400 •••• Fax 1-508-852-8456
www.idt.com
DSMN95031
Rev -
14-Sep-2009
ECN 36522 Page 1 of 3
Amp
10 dB/div
Amp
1 dB/div
Center = 1028 MHz, 2 MHz/div (50 kHz incr)
DESCRIPTION
•
1030 MHz SAW resonator (single pole) with 0.2 MHz bandwidth.
•
5 x 5 mm ceramic LCC, 8 pads.
•
RoHS compliant.
TYPICAL PERFORMANCE
S11 (1020-1040 MHz)
S22 (1020-1040 MHz)
Center = 1030 MHz, 2 MHz/div (50 kHz incr)


Similar Part No. - MN95031

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MN95015 APITECH-MN95015 Datasheet
77Kb / 3P
1030 MHz SAW Filter 12 MHz Bandwidth
MN95016 APITECH-MN95016 Datasheet
78Kb / 3P
1090 MHz SAW Filter 12 MHz Bandwidth
MN95029 APITECH-MN95029 Datasheet
152Kb / 3P
375 MHz Delay Line 2.25 MHz Bandwidth
More results

Similar Description - MN95031

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
1030 MHz BAW Filter
logo
EPCOS
R901 EPCOS-R901 Datasheet
36Kb / 4P
Resonator 315,00 MHz
logo
Advanced XTAL Products
AXMW1030GYT-01 AXTAL-AXMW1030GYT-01 Datasheet
130Kb / 3P
Gated 1030 MHz Microwave Oscillator
2007-12-03
logo
M/A-COM Technology Solu...
MAFR-000493-000001 MA-COM-MAFR-000493-000001 Datasheet
93Kb / 2P
Single Junction Drop-In Circulator 1030 MHz-1090 MHz
logo
API Technologies Corp
MN95015 APITECH-MN95015 Datasheet
77Kb / 3P
1030 MHz SAW Filter 12 MHz Bandwidth
logo
TriQuint Semiconductor
857216 TRIQUINT-857216_15 Datasheet
548Kb / 6P
1030 MHz SAW filter
880367 TRIQUINT-880367_15 Datasheet
152Kb / 6P
1030 MHz IFF BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0973A TAI-SAW-TA0973A Datasheet
213Kb / 7P
SAW Filter 1030 MHz
logo
Qorvo, Inc
880367 QORVO-880367 Datasheet
152Kb / 6P
1030 MHz IFF BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TC0669A TAI-SAW-TC0669A Datasheet
431Kb / 6P
SAW Resonator 1030 MHz -50KHz SMD 3.0x3.0mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com