Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC541 Datasheet(PDF) 1 Page - API Technologies Corp

Part # ADC541
Description  8-Bit, Wide Temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

ADC541 Datasheet(HTML) 1 Page - API Technologies Corp

  ADC541 Datasheet HTML 1Page - API Technologies Corp ADC541 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
165Cedar Hill Street,Marlborough,MA01752 Tel:508.485.6350 Fax: 508.485.5168
FU N C TION AL D IAG RAM
(13)
19 (4)
18 (5)
17 (6)
16 (7)
8 (8)
7 (9)
6 (10)
5 (11)
9 (12)
10 (3)
10 (23)
12 (2)
11
(22)
(21)
GA IN A DJ
BIT 8 (LSB)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1 (M SB)
M SB
STA TUS
STA RT
CLOCK IN
SERIA L OUT
DIG GND
DA C
SUCCESSIV E
A PPROXIM A TION
REGISTER
REF
CLOCK
PIN OUTS
n - A DC541
(n)-A DC542
COM P
+15V
A NA GND
SUM M ING JUNCT
10V INPUT
20V INPUT
BIPOLA R OFFSET
-15V
CLOCK OUT
+5V
22 (19)
2 (17)
4
3 (18)
24 (14)
23 (15)
1 (16)
20 (20)
21
15
(1)
14 (24)
5k
5k
6.2k
K EY
LINES
A LL UNITS
A D541 ONLY
A D542 ONLY
FEATURES
• 2.5µS conversion time
• Low Power: 650mW
• W ide temperature range models: -55ºC to +125ºC operation
• M IL-STD-883 or commercial/industrial processing
• Plug-in replacements for A DC82
DESCRIPTIO N
The A DC541/542 Series are fast, low power, hybrid IC
analog-to-digital converters (A CDs). The series
features 8-bit resolution and accuracy with 2.5µS
typical conversion time. The lower power drain of
650 mW is from standard ±15 V DC and +5V DC power
supplies. A ll models are hermetically seated in 24-pin
DIP style packages and are complete with precision
thin-film DA C, clock, comparator reference and
successive approximation register.
The A DC541C-8 and A DC542C-8 are processed to
commercial/industrial standards and operate –25ºC to
+85ºC. A DC541B-8 and A DC542B-8 are processed to
M IL-STD-883 Rev.C, Level B requirements, and
operate –55ºC to +125ºC. In addition, the A DC542
versions are plug-in replacements for the A DC82.
A ll models can be externally pin-connected for 3
unipolar and 3 bipolar input ranges. Output coding
in the bipolar mode is user selectable as either offset
binary or 2’s complement. A DC541/ 542 feature an
overall temperature coefficient of ± 45 ppm/ºC and
long-term stability if 0.1% /year.
A DC541/542 models provide systems designers with
greater flexibiity savings in space and weight and the
ultimate in reliability. Their compact size, 8-bit
resolution, accuracy an extensive self-contained
features are particularly well suited to
microprocessor applicat ions.
8-Bit, W ide Temperature
2.5µS AD Cs
AD C541/542
Data Converter Line
www.SpectrumMicrowave.com


Similar Part No. - ADC541

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC574 BURR-BROWN-ADC574 Datasheet
103Kb / 10P
Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC574AJH BURR-BROWN-ADC574AJH Datasheet
103Kb / 10P
Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC574AJP BURR-BROWN-ADC574AJP Datasheet
103Kb / 10P
Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC574AKH BURR-BROWN-ADC574AKH Datasheet
103Kb / 10P
Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADC541

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264BI HITACHI-HM6264BI Datasheet
72Kb / 17P
64k SRAM (8-kword x 8-bit) Wide Temperature Range version
HM62V8512CI HITACHI-HM62V8512CI Datasheet
57Kb / 13P
Wide Temperature Range Version4 M SRAM (512-kword x 8-bit)
REJ03C0098_R1LV0408C HITACHI-REJ03C0098_R1LV0408C Datasheet
94Kb / 14P
Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
logo
Renesas Technology Corp
HM62V8100L RENESAS-HM62V8100L Datasheet
110Kb / 21P
Wide Temperature Range Version 8 M SRAM (1024-kword x 8-bit)
HM628100I RENESAS-HM628100I Datasheet
91Kb / 17P
Wide Temperature Range Version 8 M SRAM (1024-kword x 8-bit)
R1LP0408C-I RENESAS-R1LP0408C-I Datasheet
87Kb / 14P
Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
R1LV0408C-I RENESAS-R1LV0408C-I Datasheet
93Kb / 14P
Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
HM62V8100I RENESAS-HM62V8100I Datasheet
108Kb / 21P
Wide Temperature Range Version 8 M SRAM (1024-kword 쨈 8-bit)
HM62V8100I RENESAS-HM62V8100I_09 Datasheet
924Kb / 16P
Wide Temperature Range Version 8 M SRAM (1024-kword 8-bit)
HM628100I RENESAS-HM628100I_15 Datasheet
114Kb / 19P
Wide Temperature Range Version 8 M SRAM (1024-kword 쨈 8-bit)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com