Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC541 Datasheet(PDF) 2 Page - API Technologies Corp

Part # ADC541
Description  8-Bit, Wide Temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

ADC541 Datasheet(HTML) 2 Page - API Technologies Corp

  ADC541 Datasheet HTML 1Page - API Technologies Corp ADC541 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pin A ssignment
A DC541
NOTES
1. Initial offset and gain errors are externally adjustable. See A PPLI-
CA TIONS INFORM A TION.
2. Includes effects of Linearity, offset, and gain errors.
A DC542
CA SE A (CERA M IC): A DC542
CA SE B (M ETA L): A DC541
0.165
(4.191)
0.010
(0.254)
0.600
(15.24)
0.018
(0.451)
0.100
(2.54)
1.295
(32.893)
0.790
(20.066)
0.025
(0.635)
0.205
(5.207)
TY PICA L
DIM ENSIONS
TOP
V IEW
PIN (1)
INDEX
12
13
1
24
0.010
(0.254)
0.600
(15.24)
0.775
(16.685)
0.018 ± 0.002
(0.045 ± 0.054)
inch
mm
M A X
DIM ENSION
inches
(mm)
0.220
(5.588)
M IN
0.175
(4.45)
M A X
1.275
(32.305)
M A X
0.100
(2.450)
TY P
0.10
(2.54)
0.03
(0.762)
STA NDOFFS
SUPPLIED
RED DOT
INDICA TES PIN 1
1
24
12
13
TOP V IEW
O RD ERIN G IN FO RMATIO N
M ODEL
DESCRIPTION
A DC541C-8
Commercial/Industrial Process
A DC541B-8
M IL-STD-883 Rev. C, Level B Process;
A DC542C-8
Commercial/Industrial Process
A DC82 Pin Out Compat.
A DC542B-8
M IL-STD-883 Rev. C, Level B Process;
A DC82 Pin Out Compat.
Specifications subject to change without notice.
SPECIFICATIO N S
(Typical @ +25ºC and nominal power supplies unless otherwise noted)
SERIES
A DC541/542
RESOLUTION
8-Bits
TY PE
Successive A pproximation
A NA LOG INPUT
Unipolar
0 to +5V , 0 to +10V . 0 to +20V
Bipolar
±2.5V , ±5V . ±10V
Impedance
500 /V olt
DIGITA L INPUTS
Start Command Pulse Input
100nS wide, min
Logic " 1" > +2.0V ;
Logic " 0" < +0.8
Logic Loading
2 TTL Loads
Clock in (A DC542 only)
2 TTL Loads
DIGITA L OUTPUTS
Data Coding, A DC541
Parallel Outputs Only
Unipolar
Binary
Bipolar
2‘s Complimentary Offset Binary
Data Coding, A DC542
Parallel and Serial Output
Unipolar
Complimentary Binary
Bipolar
Complimentary Offset Binary
Complimentary 2's Complement
Data Output Drive Capability
3TTL Loads
Logic " 1" > +2.4V
Logic " 0" > 0.4V
Status Output Drive Capability
2 TTL Loads,
Logic “ 1” during conversion
Clock Out (A DC542 only)
Frequency
2.85 M Hz
REFERENCE
Internal
CONV ERSION TIM E/
THROUGHPUT RA TE
2.5µS, typ; 2.8µS max/400 kHz
A CCURA CY
Quantization
±1/2 LSB max
Linearity
±0.2% of F.S.R. max
Offset,
Unipolar and Bipolar1
±0.2% of F.S.R. max
Gain1
±0.2% of F.S.R. max
STA BILITY
Over Specified Temperature Range
Linearity
±10ppm/ºC
Gain
±40ppm/ºC
Offset
±10ppm/ºC
Transfer A ccuracy2
±45ppm/ºC
Long Term
±0.1% /year @ +25ºC
POW ER SUPPLY
Requirements
+15V ±3%
20mA max
-15V ±3%
12mA max
+5V ±5%
105mA max
Rejection Ratio
0.05% /% (+15V ); 0.01% /% (-15V )
Power Consumption
1W max
TEM PERA TURE RA NGE
Specified
A DC541C/542C
0º to 70ºC
A DC541B/542B
-55ºC to +125ºC
Storage, A ll M odels
-65ºC to +150ºC
M ECHA NICA L
Case Style
Case A (ceramic): A DC542
Case Envelope Dimensions
Case B (metal): A DC541
PIN
FUNCTION
PIN
FUNCTION
1
BIPOLA R OFFSET
24
+10V INPUT
2
A NA LOG GND
23
+20V INPUT
3
SUM M ING JCT.
22
+15V
4
A NA LOG GND
21
–15V
5
BIT 1 (M SB)
20
–15V
6
BIT 2
19
BIT 8 (LSB)
7
BIT 3
18
BIT7
8
BIT 4
17
BIT6
9
BIT 1 (M SB)
16
BIT 5
10
STA TUS
15
+5V
11
DIGITA L GND
14
+5V
12
DIGITA L GND
13
STA RT
PIN
FUNCTION
PIN
FUNCTION
1
CLOCK OUT
24
+5V
2
DIGITA L GND
23
SRA RT
3
STA TUS
22
CLOCK IN
4
Bit 8 (LSB)
21
SERIA L OUT
5
Bit 7
20
–15V
6
Bit 6
19
15V
7
Bit 5
18
SUM M ING JCT
8
Bit 4
17
A NA LOG GND
9
Bit 3
16
BIPOLA R OFFSET
10
Bit 2
15
20V INPUT
11
Bit 1 (M SB)
14
10V INPUT
12
Bit 1 (M SB)
13
GA IN A DJUST
Consult factory for application information.
ADC541/542



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com