Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API725 Datasheet(PDF) 2 Page - API Technologies Corp

Part # API725
Description  Radiation Tolerant Voltage Controlled SAW Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

API725 Datasheet(HTML) 2 Page - API Technologies Corp

  API725 Datasheet HTML 1Page - API Technologies Corp API725 Datasheet HTML 2Page - API Technologies Corp API725 Datasheet HTML 3Page - API Technologies Corp API725 Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date: 12/12/2013
2
Radiation Tolerant Voltage Controlled SAW Oscillator
Technical Specifications
Space-Qualified VCSO with Ruggedized Hybrid Construction
API725 Series
Parameter
Min
Typical
Max
Units
Notes
Center
Frequency Range
350
4,000
MHz
Tuning Range
700
ppm
Kvco
140
ppm/V
Tuning Linearity
-10
10
%
Deviation from Best Linear Fit
Output Power
8
10
dBm
Harmonic Spurious
-30
dBc
Sub-harmonic Spurious
-25
dBc
For Multiplier
Versions Only
Non-harmonic Spurious
-60
dBc
SSB Phase Noise
Fundamental 20logN Applies
for Multiplied Version
Δf = 1 kHz
-109
dBc/Hz
Δf = 10 kHz
-132
dBc/Hz
Δf = 100 kHz
-152
dBc/Hz
Δf = 1 MHz
-160
dBc/Hz
Δf = 10 MHz
-160
dBc/Hz
Vcc
7.6
8
8.4
Volts
Consult Factory for Other
Available Vcc
Icc
120
150
mA
Operating Temperature
-55
+100
°C
Case Temperature
Specifications apply at Vcc = 8.0V and Tcase = 25°C unless otherwise specified



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com