Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API725 Datasheet(PDF) 1 Page - API Technologies Corp

Part # API725
Description  Radiation Tolerant Voltage Controlled SAW Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

API725 Datasheet(HTML) 1 Page - API Technologies Corp

  API725 Datasheet HTML 1Page - API Technologies Corp API725 Datasheet HTML 2Page - API Technologies Corp API725 Datasheet HTML 3Page - API Technologies Corp API725 Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date:
Features
12/12/2013
1
Description
The API725 Series is a high performance line of SAW oscillators providing superior communication distances for
frequencies of 350 MHz to 4,000 MHz and phase lock loop for heritage applications. The radiation tolerant voltage
controlled SAW oscillators (VCSO) are designed for space, satellite communications and aerospace systems.
The API725 Series is a high performance line of SAW oscillators providing superior performance at operating
frequencies of 350 MHz to 4,000 MHz. The VCSOs deliver low phase noise performance (-109 dBc/Hz at 1 kHz) and
low vibration sensitivity (2 x 10-9 per g). API’s space-qualified VCSOs are standard products that can be modified to
customer requirements for output frequency, frequency range and control voltage sensitivity.
API’s VCSOs meet exceptional radiation tolerance at testing levels with radiation exposure to 200kRad total dosage.
The VCSOs are constructed in hermetically sealed Kovar packages using ruggedized hybrid construction to provide
high-reliability and outstanding performance over a wide temperature range (-55°C to +100°C). This series includes
models which have internal frequency multiplication of 2 or 4 to provide output frequencies in the 700 MHz to 4,000
MHz range.
API Technologies | Space-Qualified
•
Radiation Tolerance: has been tested with radiation exposure up to 200 kRad
•
The only provider of space-qualified VCSOs on MIL-PRF-38534 Class H and K Certified Production Lines
•
Dedicated program management
Absolute Max Ratings
•
Operating Temperature: -55°C to +100°C
•
Storage Temperature: -55°C to +125°C
•
Power Supply Voltage: 13V
•
Tuning Voltage: -2V to +12 V
Radiation Tolerant Voltage Controlled SAW Oscillator
Space-Qualified VCSO with Ruggedized Hybrid Construction
API725 Series
•
Low Phase Noise: -109 dBc/Hz at 1 kHz
•
Low Vibrations Sensitivity: 2 x 10-9 per g
•
Hermetic Kovar Package: 1.0” x 1.0”x .2”SMT
•
Operating Range: -55°C to +100°C
•
Applications include: Phase Lock Loops, Local Oscillators, Low
Noise Clocks, Clock Recovery For Space, Satellite, and Aerospace


Similar Part No. - API725

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
API7720FSB-13 DIODES-API7720FSB-13 Datasheet
368Kb / 2P
Dual-Channel Digital Isolators Provide Reliable and Robust Isolation Solutions for Digital Signals
API7720SB-13 DIODES-API7720SB-13 Datasheet
368Kb / 2P
Dual-Channel Digital Isolators Provide Reliable and Robust Isolation Solutions for Digital Signals
API7721FSB-13 DIODES-API7721FSB-13 Datasheet
368Kb / 2P
Dual-Channel Digital Isolators Provide Reliable and Robust Isolation Solutions for Digital Signals
API7721SB-13 DIODES-API7721SB-13 Datasheet
368Kb / 2P
Dual-Channel Digital Isolators Provide Reliable and Robust Isolation Solutions for Digital Signals
API7722FSB-13 DIODES-API7722FSB-13 Datasheet
368Kb / 2P
Dual-Channel Digital Isolators Provide Reliable and Robust Isolation Solutions for Digital Signals
More results

Similar Description - API725

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 1.1
M624 ICST-M624 Datasheet
52Kb / 1P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 2.2
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
Voltage Controlled SAW Oscillator
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
Voltage Controlled SAW Oscillator
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
Voltage Controlled SAW Oscillator
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
VOLTAGE CONTROLLED SAW OSCILLATOR
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
VOLTAGE CONTROLLED SAW OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com