Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1018SP Datasheet(PDF) 2 Page - LDT Co., Ltd

Part # LD1018SP
Description  16 Channel Constant Current LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1018SP Datasheet(HTML) 2 Page - LDT Co., Ltd

  LD1018SP Datasheet HTML 1Page - LDT Co., Ltd LD1018SP Datasheet HTML 2Page - LDT Co., Ltd LD1018SP Datasheet HTML 3Page - LDT Co., Ltd LD1018SP Datasheet HTML 4Page - LDT Co., Ltd LD1018SP Datasheet HTML 5Page - LDT Co., Ltd LD1018SP Datasheet HTML 6Page - LDT Co., Ltd LD1018SP Datasheet HTML 7Page - LDT Co., Ltd LD1018SP Datasheet HTML 8Page - LDT Co., Ltd LD1018SP Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Ver2.0
2
LD1018
16 Channel Constant Current Driver
LD1018 Revision History
2009.03.25
1. Change : Supply Voltage Regulation : max ± 3% to Max 6%
2. Add : Rext vs Iout (3.3V) Diagram.
3. Add : DC Characteristics (3.3V)
4. Add : AC Characteristics (3.3V)
5. Change :Propagation Delays
2.0
2008.08.12
Preliminary Spec.
1.0
Transfer Date
Contents
Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com