Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1018SP Datasheet(PDF) 13 Page - LDT Co., Ltd

Part # LD1018SP
Description  16 Channel Constant Current LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1018SP Datasheet(HTML) 13 Page - LDT Co., Ltd

Back Button LD1018SP Datasheet HTML 9Page - LDT Co., Ltd LD1018SP Datasheet HTML 10Page - LDT Co., Ltd LD1018SP Datasheet HTML 11Page - LDT Co., Ltd LD1018SP Datasheet HTML 12Page - LDT Co., Ltd LD1018SP Datasheet HTML 13Page - LDT Co., Ltd LD1018SP Datasheet HTML 14Page - LDT Co., Ltd LD1018SP Datasheet HTML 15Page - LDT Co., Ltd LD1018SP Datasheet HTML 16Page - LDT Co., Ltd LD1018SP Datasheet HTML 17Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Ver2.0
13
LD1018
16 Channel Constant Current Driver
ADJUSTING OUTPUT CURRENT
The output current is determined by an external resistor. The relationship between IOUT and REXT is as follows;
IOUT[A] = {1.16/(90+REXT)} * 22
When VDD = 5V
When VDD = 3.3V
IOUT[A] = {1.16/(90+REXT)} * 21
VDD = 5.0V
Rext (Ω)
Rext ─ Iout
VDD = 3.3V
Rext ─ Iout
Rext (Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com