Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO124P Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ISO124P
Description  Precision Lowest Cost ISOLATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO124P Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button ISO124P Datasheet HTML 4Page - Burr-Brown (TI) ISO124P Datasheet HTML 5Page - Burr-Brown (TI) ISO124P Datasheet HTML 6Page - Burr-Brown (TI) ISO124P Datasheet HTML 7Page - Burr-Brown (TI) ISO124P Datasheet HTML 8Page - Burr-Brown (TI) ISO124P Datasheet HTML 9Page - Burr-Brown (TI) ISO124P Datasheet HTML 10Page - Burr-Brown (TI) ISO124P Datasheet HTML 11Page - Burr-Brown (TI) ISO124P Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
®
ISO124
FIGURE 10. Single Supply Operation of the ISO124 Isolation Amplifier. For additional information refer to AB-009.
R
1
R
2
R
4
INA105
Difference Amp
R
3
R
S
2
3
4
IN4689
5.1V
Reference
5
7
6
1
V
IN
Signal Source
+
NOTE: (1) Select to match R .
NOTE: Since the amplifier is unity gain, the input
range is also the output range. The output can go
to –2V since the output section of the ISO amp
operates from dual supplies.
S
10k
Ω
15
–V
S2 (–15V)
+V
S2 (+15V)
V
S1 (+15V)
16
–V
S1
Com 2
10
In
Gnd
RC
(1)
V
S
(V)
20+
15
12
INPUT RANGE
(V)(1)
–2 to +10
–2 to +5
–2 to +2
7
9
8
ISO124
2
1
V
OUT = VIN
FIGURE 9. Improved PSR Using External Regulator.
NOTE: The input supplies can be subregulated to ±5V to reduce
PSR related errors without reducing the ±10V input range.
10
7
9
8
2
V
OUT
+15V
–15V
V
IN, up to
±10V Swing
+5V
Regulator
MC78L05
–5V
Regulator
MC79L05
0.47µF 0.47µF
0.1µF
1
2
3
0.1µF
0.47µF
ISO124
3
1
2
16
1
DCP011515
7
6
5
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com