Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO124P Datasheet(PDF) 12 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ISO124P
Description  Precision Lowest Cost ISOLATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO124P Datasheet(HTML) 12 Page - Burr-Brown (TI)

Back Button ISO124P Datasheet HTML 4Page - Burr-Brown (TI) ISO124P Datasheet HTML 5Page - Burr-Brown (TI) ISO124P Datasheet HTML 6Page - Burr-Brown (TI) ISO124P Datasheet HTML 7Page - Burr-Brown (TI) ISO124P Datasheet HTML 8Page - Burr-Brown (TI) ISO124P Datasheet HTML 9Page - Burr-Brown (TI) ISO124P Datasheet HTML 10Page - Burr-Brown (TI) ISO124P Datasheet HTML 11Page - Burr-Brown (TI) ISO124P Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
®
ISO124
FIGURE 12. Powered ISO Amp with Three-Port Isolation.
FIGURE 11. Input-Side Powered ISO Amp.
16
Gnd
V
IN
V–
V+
V+
V–
V
O
Gnd
15
12
12
10
9
78
DCP011515
INPUT
SECTION
OUTPUT
SECTION
5
6
7
V
IN
Input
Gnd
+15V
–15V
–15V, 20mA
+15V, 20mA
Auxiliary
Isolated
Power
Output
Output
Gnd
V
O
ISO124
0.47µF
0.47µF
0.47µF
16
Gnd
V
IN
V–
V+
V+
V–
V
O
Gnd
15
12
12
10
9
78
DCP011515
INPUT
SECTION
OUTPUT
SECTION
5
6
7
+15V Gnd
DCP011515
7
6
5
21
V
IN
Input
Gnd
+15V, 20mA
–15V, 20mA
–15V, 20mA
+15V, 20mA
Auxiliary
Isolated
Power
Output
Auxiliary
Isolated
Power
Output
Output
Gnd
V
O
ISO124
0.47µF
0.47µF
0.47µF
0.47µF
0.47µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com