Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO508P Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO508P
Description  Uni-Directional ISOLATED DIGITAL COUPLERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO508P Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ISO508P Datasheet HTML 1Page - Burr-Brown (TI) ISO508P Datasheet HTML 2Page - Burr-Brown (TI) ISO508P Datasheet HTML 3Page - Burr-Brown (TI) ISO508P Datasheet HTML 4Page - Burr-Brown (TI) ISO508P Datasheet HTML 5Page - Burr-Brown (TI) ISO508P Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
®
ISO508
ISOLATION
Rated Voltage, Continuous
VISO
50Hz, 60Hz
1500
V
Partial Discharge Voltage
1s, 5x5pC/cycle(1)
2500
V
Barrier Impedance
>1014, 10
ΩpF
Leakage Current
240V, 60Hz
1
µA
2500V, 50Hz
12
µA
Creepage Distance
PDIP = “P” Package
11
mm
Internal Isolation Distance
PDIP = “P” Package
0.1
mm
Transient Recovery Time
5kV/
µs Edge
1
µs
DC CHARACTERISTICS
High Level Input Voltage
VIH
See Note 2
2
V
Low Level Input Voltage
VIL
See Note 2
0.8
V
Input Pull-Down Current (Cont, OE)
IPD
VIN = 5V
5
50
µA
Input Leakage Current
IL
LEI, LEO, D0-7
1
nA
High Z Leakage Current
IH
1nA
Input Capacitance
CIN
5pF
High Level Output Voltage
VOH
VS = 4.4 - 4.5, IOH = 6mA
VS – 1
V
Low Level Output Voltage
VOL
IOL = 6mA
0.4
V
Output Short-Circuit Current
IOS
1 second, max
30
mA
TIMING
LE Width (LOW)
tWL
50
ns
LE Width (HIGH)
tIL
15
ns
Data Set-Up to LEI
tSU
LEI HI to LO
0
ns
Data Hold from LEI
tH
LEI HI to LO
20
ns
Propagation Delay
tPD
Data In to Data Out (Cont)
1000
ns
LEI LOW to Data Out (Sync)
520
ns
Data Output Delay
tDD
LEO High to Data Out Change
35
ns
Output Rise and Fall Time
tOD
10% to 90%, CL = 50pF
9
14
ns
Output Enable
tOE
OE to Data Valid High or Low
35
ns
Output Disable
tDIS
OE to Data Hi-Z
25
ns
Skew
Between any 2 Channels
5
ns
Max Data Transfer Rate (Sync)
2
Mw/s
(Cont)
1
Mw/s
POWER
Supply Voltage
VSA, VSB
Either Side
4.5
5.5
V
Supply Current
ISA
Transmit Side DC
5
10
mA
Transmit Side DC Max Rate
7
15
mA
Supply Current
ISB
Receive Side DC
8
12
mA
Receive Side Max Rate
12
20
mA
TEMPERATURE RANGE
Operating
–40
+85
°C
Storage
–40
+125
°C
Thermal Resistance,
θ
JA
75
°C/W
NOTES: (1) All devices receive a 1s test. Failure criterion is 5 pulses of
≥ 5pC per cycle. (2) Logic inputs are HCT-type and thresholds are a function of power supply
voltage with approximately 400mV hysteresis.
SPECIFICATIONS
At TA = +25°C, and VS = +5V, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
ISO508P, P-U
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com