Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO508P Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO508P
Description  Uni-Directional ISOLATED DIGITAL COUPLERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO508P Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ISO508P Datasheet HTML 1Page - Burr-Brown (TI) ISO508P Datasheet HTML 2Page - Burr-Brown (TI) ISO508P Datasheet HTML 3Page - Burr-Brown (TI) ISO508P Datasheet HTML 4Page - Burr-Brown (TI) ISO508P Datasheet HTML 5Page - Burr-Brown (TI) ISO508P Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
®
ISO508
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
ISO508P
24-Pin Plastic DIP
167
ISO508P-U
24-Pin Gull Wing Surface Mount
167-4
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
NAME
FUNCTION
DIN (0 - 7)
Input Data Bus. Inputs are CMOS/TTL compatible.
DOUT (0 - 7)
Output Data Bus. Outputs are TTL compatible.
LEI
Input Latch Enable. Latch enable signal for the input data
buffer. A logic LOW will latch the input data preventing
further changes being made before data transmission
across the barrier, and transmit if in synchronous mode.
A logic HIGH will allow the data to pass from the input pins
to the input buffer.
LEO
Output Latch Enable. Latch enable signal for the output
data buffer. A logic LOW will latch the internal data to the
output pins and prevent further changes to the output
data. A logic HIGH will allow the internal data to be
passed to the output pins as soon as it becomes avail-
able.
CONT
Synchronous/Asynchronous Mode Select. A logic HIGH
selects asynchronous mode. A logic LOW selects syn-
chronous mode.
OE
Output Tri-State Enable. Makes the output data pins high
impedance to allow multiple parallel access to the data
bus. A logic HIGH will make DOUT (0 - 7) high impedance.
A logic LOW will allow DOUT (0 - 7) to be driven to the
correct logic level.
PIN CONFIGURATION
Top View
DIP
FUNCTIONAL DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage: VSA ............................................................. –0.5V to +6V
VSB ............................................................. –0.5V to +6V
Maximum Input Current, any Input Pin ............................................. 20mA
Continuous Isolation Voltage ..................................................... 1500Vrms
Storage Temperature ...................................................... –40
°C to +125°C
Lead Temperature (soldering, 10s) ............................................... +260
°C
PACKAGE INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-
Brown Corporation recommends that all integrated circuits
be handled and stored using appropriate ESD protection
methods.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.
1
2
3
4
5
6
7
8
9
10
11
12
V
SA
CONT
D
IN0
D
IN1
D
IN2
D
IN3
D
IN4
D
IN5
D
IN6
D
IN7
LEI
GND
A
GND
B
LEO
D
OUT0
D
OUT1
D
OUT2
D
OUT3
D
OUT4
D
OUT5
D
OUT6
D
OUT7
OE
V
SB
24
23
22
21
20
19
18
17
16
15
14
13
ISO508



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com