Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X2 Datasheet(PDF) 1 Page - API Technologies Corp

Part # X2
Description  Passive Frequency Doublers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

X2 Datasheet(HTML) 1 Page - API Technologies Corp

  X2 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Passive Frequency
Doublers
SPECTRUM MICROWAVE
CERTIFIED
www.specwave.com
SPECTRUM MICROWAVE • 2707 Black Lake Place • Philadelphia, PA 19154 • Phone: (215) 464-4000 • Fax: (215) 464-4001
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Spectrum Microwave offers a line of low noise frequency
doublers. These custom designed assemblies cover input
frequency ranges of 5 to 500 MHz with output frequencies
in the range of 10 to 1000 MHz. Narrowband or broadband
devices are available with optional filtering to improve
performance. Additive phase noise testing ensures low
phase noise. The doublers are available in an SMA
connectorized 1.3 x 1.3 x 0.8 inch package. Other
package options are available.
Typical Performance Characteristics
I Low conversion loss (12 dB typical)
I Input VSWR 2:1 or better
I F1 input feed thru <-23 dB relative to desired X2 output
I F3 <-43 dB relative to desired X2 output
I F4 <-12 dB relative to desired X2 output
I F5 <-50 dB relative to desired X2 output
I +10 to +13 dBm input range
Optional Features
I Output filtering lowpass or bandpass
I Different Connector types


Similar Description - X2

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME7700 AME-AME7700 Datasheet
80Kb / 11P
Switched Capacitor Voltage Doublers
logo
Maxim Integrated Produc...
MAX1682 MAXIM-MAX1682 Datasheet
81Kb / 8P
Switched-Capacitor Voltage Doublers
Rev 1; 8/98
logo
Mini-Circuits
KBA-20 MINI-KBA-20_40 Datasheet
129Kb / 1P
Surface Mount Frequency Doublers 1.6 to 4.8 GHz
logo
Merrimac Industries, In...
FDF-4C-750 MERRIMAC-FDF-4C-750 Datasheet
237Kb / 2P
FREQUENCY DOUBLERS
logo
Maxim Integrated Produc...
MAX1683EUKT MAXIM-MAX1683EUKT Datasheet
187Kb / 9P
Switched-Capacitor Voltage Doublers
Rev 3; 11/10
547799 MAXIM-547799 Datasheet
181Kb / 9P
Switched-Capacitor Voltage Doublers
Rev 3; 11/10
MAX1682EUK MAXIM-MAX1682EUK Datasheet
181Kb / 9P
Switched-Capacitor Voltage Doublers
Rev 3; 11/10
logo
Marki Microwave
D-0308 MARKIMICROWAVE-D-0308 Datasheet
155Kb / 2P
FREQUENCY DOUBLERS
D-1505 MARKIMICROWAVE-D-1505 Datasheet
147Kb / 2P
FREQUENCY DOUBLERS
logo
Maxim Integrated Produc...
MAX1682 MAXIM-MAX1682_V01 Datasheet
181Kb / 9P
Switched-Capacitor Voltage Doublers
2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com