Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

44521 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 44521
Description  Professional Quality ESD Tweezers ESD SAFE ??STATIC DISSIPATIVE ??HYPO ALLERGENIC COATED ??TEXTURED GRIPPING SURFACE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

44521 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  44521 Datasheet HTML 1Page - List of Unclassifed Manufacturers 44521 Datasheet HTML 2Page - List of Unclassifed Manufacturers 44521 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
Germany
164
Item No.
Description
wt.
445 21
12 SA-SMD ESD - 120mm .09
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
MicroTip 45O Hook 1x1x2mm
Item No.
Description
wt.
445 25
7abb SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Item No.
Description
wt.
445 23
PSF SA ESD - 125mm
.09
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Long Rounded to 1.0mm
Wide No Serration
Item No.
Description
wt.
445 24
58 SA-SMD ESD - 117mm .08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Flat Bent 35O, 3mm
Diameter Grip
Item No.
Description
wt.
445 22
13 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
MicroTip For Chips Angled
1.6x1x1mm
Curved Extra Fine, 3mm
Long Straight Tip
Item No.
Description
wt.
445 26
SSbb SA ESD - 140mm .08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Narrow Body Low Force
Bent 35O-3mm Tip
Item No.
Description
wt.
445 27
5abb SA ESD - 117mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Angled Extra Fine Points
Bent 30O, 3mm Long Tips
Item No.
Description
wt.
445 13
52 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Holds 3.5 to 7mm Diameter
Item No.
Description
wt.
445 14
53 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Holds 6.5 to 10mm Diameter
Item No.
Description
wt.
445 15
54 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Angled 3.5 to 7mm Diameter
Item No.
Description
wt.
445 20
40 SA ESD - 145mm
.11
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Universal Blunt Tip Serrated
Item No.
Description
wt.
445 18
22 SA ESD - 150mm
.10
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Narrow Rounded Tip
Serrated, Guide Pin
I
N
D
E
X
Go To
Image Index
Go To
Numerical Index
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com