Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

44521 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 44521
Description  Professional Quality ESD Tweezers ESD SAFE ??STATIC DISSIPATIVE ??HYPO ALLERGENIC COATED ??TEXTURED GRIPPING SURFACE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

44521 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  44521 Datasheet HTML 1Page - List of Unclassifed Manufacturers 44521 Datasheet HTML 2Page - List of Unclassifed Manufacturers 44521 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
163
Item No.
Description
wt.
445 12
51 SA ESD - 130mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Professional Quality ESD Tweezers
ESD SAFE • STATIC DISSIPATIVE • HYPO ALLERGENIC COATED • TEXTURED GRIPPING SURFACE
Item No.
Description
wt.
445 01
AA SA ESD - 130mm
.09
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Universal Fine Point Tweezers
Item No.
Description
wt.
445 02
GG SA ESD - 130mm
.09
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Sturdy Long, Fine Round Points
Item No.
Description
wt.
445 06
3 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Fine Round Points For Assembly
Item No.
Description
wt.
445 10
7a SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Curved Extra Fine Rounded Tips
Item No.
Description
wt.
445 03
SS SA ESD - 135mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Long Narrow Body Low Force
Item No.
Description
wt.
445 07
3c SA ESD - 110mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Fine Round Points Shorter
Item No.
Description
wt.
445 11
50 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Holds 0.8 to 2mm Diameter
Item No.
Description
wt.
445 04
2 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Reduced Body To Medium Point
Item No.
Description
wt.
445 08
4 SA ESD - 110mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Very Fine Points/Tapered To Tip
Holds 1.5 to 3mm Diameter
Item No.
Description
wt.
445 05
2a SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Flat Round Tip Smooth Sides
Item No.
Description
wt.
445 09
5 SA ESD - 110mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Extra Fine Points/Tapered To Tip
D
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT
SHOP
SHOP


Similar Part No. - 44521

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
44521 WIHA-44521 Datasheet
794Kb / 3P
Professional Quality ESD Tweezers
More results

Similar Description - 44521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T2301 ETC1-T2301 Datasheet
473Kb / 9P
A range of professional quality tweezers
47511 ETC2-47511 Datasheet
67Kb / 1P
Dissipative Card Holder, With ESD Susceptibility Symbol
49783 ETC2-49783 Datasheet
259Kb / 3P
Professional Quality Tweezers
47200 ETC-47200 Datasheet
531Kb / 1P
ESD DISSIPATIVE TURNTABLE
June 2016
logo
SparkFun Electronics
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
Tweezers ??Curved (ESD Safe)
5??6??7
TOL-10603 SPARKFUN-TOL-10603 Datasheet
99Kb / 1P
Tweezers ??Straight (ESD Safe)
5??6??7
TOL-12572 SPARKFUN-TOL-12572 Datasheet
75Kb / 1P
Tweezers - Curved (cross-lock, ESD Safe)
5??5??7
TOL-12573 SPARKFUN-TOL-12573 Datasheet
68Kb / 1P
Tweezers - Straight (cross-lock, ESD Safe)
5??5??7
logo
IDEAL-TEK SA
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
Diamond coated Tweezers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com