Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWML0012 Datasheet(PDF) 1 Page - API Technologies Corp

Part # MASWML0012
Description  SPDT Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MASWML0012 Datasheet(HTML) 1 Page - API Technologies Corp

  MASWML0012 Datasheet HTML 1Page - API Technologies Corp MASWML0012 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Broad-band frequency
• Miniature Outline
• Field removable connectors
SPDT Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
Description
• TTL Compatible
• Fast switching
• European Manufacture
MASWML0012
The MASWML0012 is a broadband PIN diode (0.5 – 18 GHz) SPDT reflective miniature switch featuring Low
Insertion loss and Fast switching.
The built-in, high-speed, TTL compatible driver, is driven by two independent control lines.
The field replaceable connectors allow direct integration into microstrip applications.
This proven harsh environment design is suitable for Airborne, Naval & Ground base applications.
Frequency:
0.5 to 18 GHz
Insertion Loss:
2.6 dB Max.
Isolation:
55 dB Min.
Return Loss:
9.5 dB Min.
Switching Speed
30 ns Max.
Input Power:
100 mW Max.
Logic::
Each Channel
(TTL)
‘0’ = Insertion Loss
‘1’ = Isolation
Power Supply:
+5 V @ 70 mA Max.
-15V @ 50 mA Max.
Operating Temperature: -55 - +85 °C
Storage Temperature:
-55 - +125°C
Electrical Specification @ 25°C
(Applies over frequency range @ +25°C, output and input load impedance of 50Ω.
Unless otherwise stated limits and conditions are indicated values.)


Similar Part No. - MASWML0012

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MASWML0010 APITECH-MASWML0010 Datasheet
162Kb / 2P
SPDT Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
logo
Tyco Electronics
MASWML0011 MACOM-MASWML0011 Datasheet
91Kb / 1P
SPDT MMIC Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
More results

Similar Description - MASWML0012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML010 MACOM-MASWML010 Datasheet
74Kb / 1P
SPDT Non Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML0011 MACOM-MASWML0011 Datasheet
91Kb / 1P
SPDT MMIC Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
MASWML012 MACOM-MASWML012 Datasheet
71Kb / 1P
SPDT Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML013 MACOM-MASWML013 Datasheet
73Kb / 1P
SPDT Reflective Switch with TTL Compatible Driver, 6.4 to 18.0 GHz
MASWML014 MACOM-MASWML014 Datasheet
72Kb / 1P
SPDT Reflective Miniature Switch with TTL Compatible Driver, 6.0 to 12.0 GHz
MASWML023 MACOM-MASWML023 Datasheet
75Kb / 1P
SP3T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML0024 MACOM-MASWML0024 Datasheet
151Kb / 1P
SP4T Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
MASWML025 MACOM-MASWML025 Datasheet
79Kb / 1P
SP4T Reflective Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML026 MACOM-MASWML026 Datasheet
80Kb / 1P
SP5T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
logo
API Technologies Corp
MASWML0010 APITECH-MASWML0010 Datasheet
162Kb / 2P
SPDT Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com