Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWML0012 Datasheet(PDF) 2 Page - API Technologies Corp

Part # MASWML0012
Description  SPDT Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MASWML0012 Datasheet(HTML) 2 Page - API Technologies Corp

  MASWML0012 Datasheet HTML 1Page - API Technologies Corp MASWML0012 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Outline
+1 855.294.3800
www.apitech.com
+44 (0) 1908.574.324
email - info.mk@apitech.com
micro.apitech.com
Whilst every effort is made to ensure the accuracy of the information contained in this brochure, no responsibility can be accepted for any errors and/or omissions.
Descriptions and specifications of products are subject to change without notice.
Nov-2013
Dimensions in mm
Input: SMA Female, Field replaceable
Outputs (2): SMA Female, Field replaceable
DC connections and TTL controls: solder pins.
Finish: Silver Plate to Def-Stan 03-09



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com