Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS190 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS190
Description  PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS190 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS190 Datasheet HTML 1Page - Motorola, Inc 74LS190 Datasheet HTML 2Page - Motorola, Inc 74LS190 Datasheet HTML 3Page - Motorola, Inc 74LS190 Datasheet HTML 4Page - Motorola, Inc 74LS190 Datasheet HTML 5Page - Motorola, Inc 74LS190 Datasheet HTML 6Page - Motorola, Inc 74LS190 Datasheet HTML 7Page - Motorola, Inc 74LS190 Datasheet HTML 8Page - Motorola, Inc 74LS190 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
5-341
FAST AND LS TTL DATA
PRESETTABLE BCD/DECADE
UP/DOWN COUNTERS
PRESETTABLE 4-BIT BINARY
UP/DOWN COUNTERS
The SN54 / 74LS190 is a synchronous UP/ DOWN BCD Decade (8421)
Counter and the SN54/ 74LS191 is a synchronous UP / DOWN Modulo-16
Binary Counter. State changes of the counters are synchronous with the
LOW-to-HIGH transition of the Clock Pulse input.
An asynchronous Parallel Load (PL) input overrides counting and loads the
data present on the Pn inputs into the flip-flops, which makes it possible to use
the circuits as programmable counters. A Count Enable (CE) input serves as
the carry / borrow input in multi-stage counters. An Up / Down Count Control
(U/D) input determines whether a circuit counts up or down. A Terminal Count
(TC) output and a Ripple Clock (RC) output provide overflow/underflow
indication and make possible a variety of methods for generating
carry / borrow signals in multistage counter applications.
• Low Power . . . 90 mW Typical Dissipation
• High Speed . . . 25 MHz Typical Count Frequency
• Synchronous Counting
• Asynchronous Parallel Load
• Individual Preset Inputs
• Count Enable and Up/Down Control Inputs
• Cascadable
• Input Clamp Diodes Limit High Speed Termination Effects
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
CONNECTION DIAGRAM DIP (TOP VIEW)
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
P1
P0
CP
RC
TC
P2
PL
P3
Q1
Q0
CE
U/D
Q2
Q3 GND
PIN NAMES
LOADING (Note a)
HIGH
LOW
CE
CP
U / D
PL
Pn
Qn
RC
TC
Count Enable (Active LOW) Input
Clock Pulse (Active HIGH going edge) Input
Up/Down Count Control Input
Parallel Load Control (Active LOW) Input
Parallel Data Inputs
Flip-Flop Outputs (Note b)
Ripple Clock Output (Note b)
Terminal Count Output (Note b)
1.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
10 U.L.
10 U.L.
0.7 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
5 (2.5) U.L.
5 (2.5) U.L.
5 (2.5) U.L.
NOTES:
a. 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b. The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
b. Temperature Ranges.
SN54/74LS190
SN54/74LS191
PRESETTABLE BCD / DECADE
UP / DOWN COUNTERS
PRESETTABLE 4-BIT BINARY
UP / DOWN COUNTERS
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
5
4
14
3 2 6 7
13
9
10
1
15
11
U/D
CP
Q0 Q1 Q2 Q3
TC
P3
P2
P1
P0
PL
CE
RC
12


Similar Part No. - 74LS190

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LS190 TI-74LS190 Datasheet
512Kb / 14P
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
Hitachi Semiconductor
74LS190 HITACHI-74LS190 Datasheet
104Kb / 7P
Synchronous Up/Down Decade Counters(single clock line)
logo
Texas Instruments
74LS190 TI1-74LS190 Datasheet
1Mb / 16P
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
More results

Similar Description - 74LS190

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
PRESETTABLE UP/DOWN COUNTERS
Mar-2000
logo
Texas Instruments
CD4510B TI-CD4510B Datasheet
295Kb / 12P
CMOS PRESETTABLE UP/DOWN COUNTERS
logo
Intersil Corporation
CD4510BMS INTERSIL-CD4510BMS Datasheet
139Kb / 11P
CMOS Presettable Up/Down Counters
December 1992
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
PRESETTABLE UP / DOWN COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
PRESETTABLE UP / DOWN COUNTERS
logo
Texas Instruments
CD40192B TI1-CD40192B_15 Datasheet
1Mb / 15P
CMOs Presettable Up/Down counters
CD4510B TI1-CD4510B_15 Datasheet
1Mb / 16P
Cmos Presettable Up/Down Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com