Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS21 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS21
Description  DUAL 4-INPUT AND GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS21 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS21 Datasheet HTML 1Page - Motorola, Inc 74LS21 Datasheet HTML 2Page - Motorola, Inc 74LS21 Datasheet HTML 3Page - Motorola, Inc 74LS21 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-59
FAST AND LS TTL DATA
DUAL 4-INPUT AND GATE
14
13
12
11
10
9
1
2
3
4
5
6
VCC
8
7
GND
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA
SN54/74LS21
DUAL 4-INPUT AND GATE
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
14
1
D SUFFIX
SOIC
CASE 751A-02


Similar Part No. - 74LS21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LS21 TI-74LS21 Datasheet
509Kb / 12P
DUAL 4-INPUT POSITIVE-AND GATES
logo
Hitachi Semiconductor
74LS21 HITACHI-74LS21 Datasheet
43Kb / 5P
Dual 4-input Positive AND Gates
logo
List of Unclassifed Man...
74LS21 ETC1-74LS21 Datasheet
51Kb / 1P
DUAL 4-INPUT POSITIVE AND GATE
74LS21DC ETC1-74LS21DC Datasheet
51Kb / 1P
DUAL 4-INPUT POSITIVE AND GATE
74LS21FC ETC1-74LS21FC Datasheet
51Kb / 1P
DUAL 4-INPUT POSITIVE AND GATE
More results

Similar Description - 74LS21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4082B PHILIPS-HEF4082B Datasheet
26Kb / 3P
Dual 4-input AND gate
January 1995
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F Datasheet
190Kb / 5P
DUAL 4-INPUT AND GATE
logo
Integral Corp.
IN74HC21A INTEGRAL-IN74HC21A Datasheet
38Kb / 5P
Dual 4-Input AND Gate
IN74ACT21 INTEGRAL-IN74ACT21 Datasheet
133Kb / 4P
DUAL 4-INPUT AND GATE
IN74HCT21A INTEGRAL-IN74HCT21A Datasheet
38Kb / 5P
Dual 4-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74HC21A KODENSHI-KK74HC21A Datasheet
251Kb / 5P
Dual 4-Input AND Gate
KK74HCT21A KODENSHI-KK74HCT21A Datasheet
249Kb / 5P
Dual 4-Input AND Gate
logo
IK Semicon Co., Ltd
IN74HC21A IKSEMICON-IN74HC21A Datasheet
236Kb / 5P
Dual 4-Input AND Gate
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F_08 Datasheet
210Kb / 9P
Dual 4-Input AND Gate
logo
Nexperia B.V. All right...
HEF4082B-Q100 NEXPERIA-HEF4082B-Q100 Datasheet
717Kb / 11P
Dual 4-input AND gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com