Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1702 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1702
Description  BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1702 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  PCM1702 Datasheet HTML 1Page - Burr-Brown (TI) PCM1702 Datasheet HTML 2Page - Burr-Brown (TI) PCM1702 Datasheet HTML 3Page - Burr-Brown (TI) PCM1702 Datasheet HTML 4Page - Burr-Brown (TI) PCM1702 Datasheet HTML 5Page - Burr-Brown (TI) PCM1702 Datasheet HTML 6Page - Burr-Brown (TI) PCM1702 Datasheet HTML 7Page - Burr-Brown (TI) PCM1702 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
®
PCM1702
SPECIFICATIONS
All specifications at 25
°C, ±V
CC and +VDD = ±5V unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PCM1702P/U, -J, -K
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
20
Bits
DYNAMIC RANGE, THD + N at –60dB Referred to Full Scale, with A-weight
110
dB
DIGITAL INPUT
Logic Family
TTL/CMOS Compatible
Logic Level:
V
IH
+2.4
+V
DD
V
V
IL
0
0.8
V
I
IH
V
IH = +VDD
±10
µA
I
IL
V
IL = 0V
±10
µA
Data Format
Serial, MSB First, BTC(1)
Input Clock Frequency
12.5
20.0
MHz
TOTAL HARMONIC DISTORTION + N(2)
P/U
V
O = 0dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–92
–88
dB
V
O = –20dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–82
–74
dB
V
O = –60dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–46
–40
dB
P/U, -J
V
O = 0dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–96
–92
dB
V
O = –20dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–83
–76
dB
V
O = –60dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–48
–42
dB
P/U, -K
V
O = 0dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–100
–96
dB
V
O = –20dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–84
–80
dB
V
O = –60dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–50
–44
dB
ACCURACY
Level Linearity
At –90dB Signal Level
±0.5
dB
Gain Error
±0.5
±3%
Bipolar Zero Error(5)
±0.25
%
Gain Drift
0
°C to 70°C
±25
ppm of FSR/
°C
Bipolar Zero Drift
0
°C to 70°C
±5
ppm of FSR/
°C
Warm-up Time
1
minute
IDLE CHANNEL SNR(6)
Bipolar Zero, A-weighted Filter
110
120
dB
ANALOG OUTPUT
Output Range
±1.2
mA
Output Impedance
1.0
k
Ω
Settling Time
(
±0.003% of FSR, 1.2mA Step)
200
ns
Glitch Energy
No Glitch Around Zero
POWER SUPPLY REQUIREMENTS
Supply Voltage Range: +V
CC = +VDD
+4.75
+5.00
+5.25
V
–V
CC = –VDD
–4.75
–5.00
–5.25
V
Combined Supply Current: +I
CC
+V
CC = +VDD = +5V
+5.00
+9.0
mA
Combined Supply Current: –I
CC
–V
CC = –VDD = –5V
–25.00
–41.0
mA
Power Dissipation
±V
CC = ±VDD = ±5V
150
250
mW
TEMPERATURE RANGE
Operating
–25
+85
°C
Storage
–55
+125
°C
NOTES: (1) Binary Two’s Complement coding. (2) Ratio of (Distortion
RMS + NoiseRMS) / SignalRMS. (3) D/A converter sample frequency (8 x 44.1kHz; 8x oversampling).
(4) D/A converter output frequency (signal level). (5) Offset error at bipolar zero. (6) Measured using an OPA627 and 5k
Ω feedback and an A-weighted filter.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com