Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1702 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1702
Description  BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1702 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  PCM1702 Datasheet HTML 1Page - Burr-Brown (TI) PCM1702 Datasheet HTML 2Page - Burr-Brown (TI) PCM1702 Datasheet HTML 3Page - Burr-Brown (TI) PCM1702 Datasheet HTML 4Page - Burr-Brown (TI) PCM1702 Datasheet HTML 5Page - Burr-Brown (TI) PCM1702 Datasheet HTML 6Page - Burr-Brown (TI) PCM1702 Datasheet HTML 7Page - Burr-Brown (TI) PCM1702 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
®
PCM1702
Power Supply Voltage ..................................................................
±6.5VDC
Input Logic Voltage ........................................... DGND—0.3V~+V
DD+0.3V
Operating Temperature ..................................................... –25
°C to +85°C
Storage Temperature ...................................................... –55
°C to +125°C
Power Dissipation .......................................................................... 300mW
Lead Temperature (soldering, 5s) .................................................... 260
°C
ABSOLUTE MAXIMUM RATINGS (SOP Package)
ABSOLUTE MAXIMUM RATINGS (DIP Package)
Power Supply Voltage ..................................................................
±6.5VDC
Input Logic Voltage ........................................... DGND—0.3V~+V
DD+0.3V
Operating Temperature ..................................................... –25
°C to +85°C
Storage Temperature ...................................................... –55
°C to +125°C
Power Dissipation .......................................................................... 500mW
Lead Temperature (soldering, 10s) .................................................. 260
°C
PIN
MNEMONIC
PIN
MNEMONIC
1
DATA
9
+V
CC
2
CLOCK
10
BPO DC
3+V
DD
11
I
OUT
4
DCOM
12
ACOM
5–V
DD
13
ACOM
6
LE
14
SERV DC
7
NC
15
REF DC
8NC
16
–V
CC
PIN ASSIGNMENTS (DIP Package)
PACKAGE INFORMATION(1)
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER
PCM1702P
16-Pin Plastic DIP
180
PCM1702U
20-Pin Plastic SOP
248
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
PIN
MNEMONIC
PIN
MNEMONIC
1
DATA
11
+V
CC
2
CLOCK
12
BPO DC
3NC
13
NC
4+V
DD
14
I
OUT
5
DCOM
15
ACOM
6–V
DD
16
ACOM
7
LE
17
SERV DC
8NC
18
NC
9
NC
19
RFE DC
10
NC
20
–V
CC
PIN ASSIGNMENTS (SOP Package)
GRADE MARKING (SOP Package)
MODEL
PACKAGE
PCM1702U
Marked PCM1702.
PCM1702U-J
Marked with white dot by pin 10.
PCM1702U-K
Marked with red dot by pin 10.
CONNECTION DIAGRAM
R
NF
V
OUT
CLOCK
DATA
LE
16
15
14
11
10
9
13
12
47µF
47µF
+
2
1
6
3
4
5
+
+
+5V V
CC
–5V V
CC
+
+
47µF
100µF
22µF
–5V V
DD
+5V V
DD
47µF
47µF
= SOP
= DIP
2
1
7
4
5
6
20
19
17
14
12
11
16
15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com