Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS221N Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS221N
Description  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS221N Datasheet(HTML) 1 Page - Motorola, Inc

  74LS221N Datasheet HTML 1Page - Motorola, Inc 74LS221N Datasheet HTML 2Page - Motorola, Inc 74LS221N Datasheet HTML 3Page - Motorola, Inc 74LS221N Datasheet HTML 4Page - Motorola, Inc 74LS221N Datasheet HTML 5Page - Motorola, Inc 74LS221N Datasheet HTML 6Page - Motorola, Inc 74LS221N Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
(TOP VIEW)
positive logic: Low input to clear resets Q low and
positive logic: Q high regardless of dc levels at A
positive logic: or B inputs.
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
1A
1 Rext/
Cext
1
Cext 1Q
2Q
2B
2
CLR
2A
1B
1
CLR
1Q
2Q
2
Cext
2 Rext/
Cext
GND
Q
Q
CLR
Q
Q
CLR
+
VCC
Rext
R/C
Cext
*See operational notes — Pulse Trigger Modes
5-380
FAST AND LS TTL DATA
DUAL MONOSTABLE
MULTIVIBRATORS
WITH SCHMITT-TRIGGER INPUTS
Each multivibrator of the LS221 features a negative-transition-triggered
input and a positive-transition-triggered input either of which can be used as
an inhibit input.
Pulse triggering occurs at a voltage level and is not related to the transition
time of the input pulse. Schmitt-trigger input circuitry for B input allows
jitter-free triggering for inputs as slow as 1 volt/ second, providing the circuit
with excellent noise immunity. A high immunity to VCC noise is also provided
by internal latching circuitry.
Once triggered, the outputs are independent of further transitions of the
inputs and are a function of the timing components. The output pulses can be
terminated by the overriding clear. Input pulse width may be of any duration
relative to the output pulse width. Output pulse width may be varied from 35
nanoseconds to a maximum of 70 s by choosing appropriate timing
components. With Rext = 2.0 kΩ and Cext = 0, a typical output pulse of 30
nanoseconds is achieved. Output rise and fall times are independent of pulse
length.
Pulse width stability is achieved through internal compensation and is
virtually independent of VCC and temperature. In most applications, pulse
stability will only be limited by the accuracy of external timing components.
Jitter-free operation is maintained over the full temperature and VCC ranges
for greater than six decades of timing capacitance (10 pF to 10
µF), and
greater than one decade of timing resistance (2.0 to 70 k
Ω for the
SN54LS221, and 2.0 to 100 k
Ω for the SN74LS221). Pulse width is defined
by the relationship: tw(out) = CextRext ln 2.0 ≈ 0.7 Cext Rext; where tW is in ns
if Cext is in pF and Rext is in kΩ. If pulse cutoff is not critical, capacitance up
to 1000
µF and resistance as low as 1.4 kΩ may be used. The range of
jitter-free pulse widths is extended if VCC is 5.0 V and 25°C temperature.
• SN54LS221 and SN74LS221 is a Dual Highly Stable One-Shot
• Overriding Clear Terminates Output Pulse
• Pin Out is Identical to SN54/74LS123
FUNCTION TABLE
(EACH MONOSTABLE)
INPUTS
OUTPUTS
CLEAR
A
B
Q
Q
L
X
X
L
H
X
H
X
L
H
X
X
L
L
H
H
L
°
H
±
H
*
°
L
H
TYPE
TYPICAL
POWER
MAXIMUM
OUTPUT PULSE
DISSIPATION
LENGTH
SN54LS221
23 mW
49 s
SN74LS221
23 mW
70 s
SN54/74LS221
DUAL MONOSTABLE
MULTIVIBRATORS
WITH SCHMITT-TRIGGER INPUTS
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03


Similar Part No. - 74LS221N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LS221N ONSEMI-74LS221N Datasheet
120Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results

Similar Description - 74LS221N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54121 TI-SN54121 Datasheet
670Kb / 15P
MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221 Datasheet
208Kb / 23P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121_07 Datasheet
737Kb / 18P
MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221_07 Datasheet
761Kb / 25P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_07 Datasheet
577Kb / 22P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74221J TI-SN74221J Datasheet
963Kb / 27P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com