Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS221N Datasheet(PDF) 3 Page - Motorola, Inc

Part # 74LS221N
Description  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS221N Datasheet(HTML) 3 Page - Motorola, Inc

  74LS221N Datasheet HTML 1Page - Motorola, Inc 74LS221N Datasheet HTML 2Page - Motorola, Inc 74LS221N Datasheet HTML 3Page - Motorola, Inc 74LS221N Datasheet HTML 4Page - Motorola, Inc 74LS221N Datasheet HTML 5Page - Motorola, Inc 74LS221N Datasheet HTML 6Page - Motorola, Inc 74LS221N Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5-382
FAST AND LS TTL DATA
SN54/74LS221
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VT+
Positive-Going Threshold
Voltage at C Input
1.0
2.0
V
VCC = MIN
VT–
Negative-Going Threshold
Voltage at C Input
54
0.7
0.8
V
VCC = MIN
VT–
Negative-Going Threshold
Voltage at C Input
74
0.7
0.8
V
VCC = MIN
VT+
Positive-Going Threshold
Voltage at B Input
1.0
2.0
V
VCC = MIN
VT–
Negative-Going Threshold
Voltage at B Input
54
0.7
0.9
V
VCC = MIN
VT–
Negative-Going Threshold
Voltage at B Input
74
0.8
0.9
V
VCC = MIN
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
A Input
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
A Input
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Voltage for
A Input
VIK
Input Clamp Voltage
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
54
2.5
3.4
V
VCC = MIN, IOH = MAX
VOH
Output HIGH Voltage
74
2.7
3.4
V
VCC = MIN, IOH = MAX
VOL
Output LOW Voltage
54
0.25
0.4
V
IOL = 4.0 mA
VCC = MIN
VOL
Output LOW Voltage
74
0.35
0.5
V
IOL = 8.0 mA
VCC = MIN
IIH
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
Input A
Input B
Clear
– 0.4
– 0.8
– 0.8
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
– 20
– 100
mA
VCC = MAX
ICC
Power Supply Current
Quiescent
4.7
11
mA
VCC = MAX
ICC
Triggered
19
27
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com