Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF102 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF102
Description  Precision VOLTAGE REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF102 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  REF102 Datasheet HTML 1Page - Burr-Brown (TI) REF102 Datasheet HTML 2Page - Burr-Brown (TI) REF102 Datasheet HTML 3Page - Burr-Brown (TI) REF102 Datasheet HTML 4Page - Burr-Brown (TI) REF102 Datasheet HTML 5Page - Burr-Brown (TI) REF102 Datasheet HTML 6Page - Burr-Brown (TI) REF102 Datasheet HTML 7Page - Burr-Brown (TI) REF102 Datasheet HTML 8Page - Burr-Brown (TI) REF102 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
®
REF102
4
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = +15V, unless otherwise noted.
FPO
VIN
VOUT
Time (10ms/div)
Power Turn-On
FPO
POWER TURN-ON RESPONSE with 1
µF Cn
FPO
VIN
POWER TURN-ON RESPONSE
VOUT
Time (5
µs/div)
Power Turn-On
LOAD REGULATION
+1.5
+1.0
+0.5
0
–0.5
–1.0
–1.5
–5
0
+5
+10
Output Current (mA)
POWER SUPPLY REJECTION vs FREQUENCY
130
120
110
100
90
80
70
60
1
100
1k
10k
Frequency (Hz)
QUIESCENT CURRENT vs TEMPERATURE
1.6
1.4
1.2
1.0
0.8
–50
–25
0
+25
+50
+75
+100
+125
Temperature (°C)
–75
RESPONSE TO THERMAL SHOCK
30
45
60
15
0
+600
+300
0
–300
–600
T
A =
+25°C
REF102CM Immersed in +85°C Fluorinert Bath
Time (s)
T
A = +85°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com