Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF102 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF102
Description  Precision VOLTAGE REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF102 Datasheet(HTML) 9 Page - Burr-Brown (TI)

  REF102 Datasheet HTML 1Page - Burr-Brown (TI) REF102 Datasheet HTML 2Page - Burr-Brown (TI) REF102 Datasheet HTML 3Page - Burr-Brown (TI) REF102 Datasheet HTML 4Page - Burr-Brown (TI) REF102 Datasheet HTML 5Page - Burr-Brown (TI) REF102 Datasheet HTML 6Page - Burr-Brown (TI) REF102 Datasheet HTML 7Page - Burr-Brown (TI) REF102 Datasheet HTML 8Page - Burr-Brown (TI) REF102 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
REF102
®
9
Ω
–
+
OPA27
6
2k
+10V
REF102
(2)
2
R
1k
1
4
V
OUT 2
Ω
REF
V
C
1
1µF
C
2
1µF
R
2k
2
Ω
2
3
Ω
6
2k
REF102
(1)
2
4
V
OUT 1
Ω
6
2k
V
OUT N
V+
REF102
(N)
2
4
V+
V+
FIGURE 11. Stacked References.
FIGURE 13. +5V and +10V Reference.
NOTES: (1) REF102s can be stacked to obtain voltages in multiples of 10V.
(2) The supply voltage should be between 10n + 1.4 and 10n + 26 where n
is the number of REF102s. (3) Output current of each REF102 must not
exceed its rated output current of +10, –5mA. This includes the current
delivered to the lower REF102.
e
N
= 5
µVp-p (f = 0.1Hz to 1Mhz)
N
V
REF
= (V
O1
+ V
O2
....V
OUT N
)
N
See AB-003 for more details.
FIGURE 14. Precision Voltage Reference with Extremely
Low Noise.
+30V
6
31.4V to 56V
2
4
6
2
6
2
4
+20V
+10V
REF102
4
REF102
REF102
–
+
2
4
6
+5V
Out
INA105
2
5
1
3
6
–5V
Out
REF102
V+
–
+
2
4
6
+10V
+5V
INA105
5
1
3
6
2
REF102
V+
FIGURE 12.
±5V Reference.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com