Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS196 Datasheet(PDF) 6 Page - Motorola, Inc

Part # 54LS196
Description  4-STAGE PRESETTABLE RIPPLE COUNTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

54LS196 Datasheet(HTML) 6 Page - Motorola, Inc

  54LS196 Datasheet HTML 1Page - Motorola, Inc 54LS196 Datasheet HTML 2Page - Motorola, Inc 54LS196 Datasheet HTML 3Page - Motorola, Inc 54LS196 Datasheet HTML 4Page - Motorola, Inc 54LS196 Datasheet HTML 5Page - Motorola, Inc 54LS196 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5-6
FAST AND LS TTL DATA
SN54/74LS196
• SN54/74LS197
AC WAVEFORMS
Pn
tW
tPHL
tPLH
1.3 V
1.3 V
PL
Qn
tW
tPHL
1.3 V
1.3 V
1.3 V
trec
PL OR MR
CP
Q
CP
1.3 V
1.3 V
1.3 V
1.3 V
tPHL
tPLH
tW(H)
Q
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
1.3 V
1.3 V
1.3 V
tPHL
tPLH
Pn
Qn
NOTE: PL = LOW
1.3 V
1.3 V
1.3 V
1.3 V
Pn*
PL
Qn*
ts(H)
ts(L)
th(H)
th(L)
* The shaded areas indicate when the input is permitted
* to change for predictable output performance
Q = P
Q = P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com