Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS196 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 54LS196
Description  4-STAGE PRESETTABLE RIPPLE COUNTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

54LS196 Datasheet(HTML) 1 Page - Motorola, Inc

  54LS196 Datasheet HTML 1Page - Motorola, Inc 54LS196 Datasheet HTML 2Page - Motorola, Inc 54LS196 Datasheet HTML 3Page - Motorola, Inc 54LS196 Datasheet HTML 4Page - Motorola, Inc 54LS196 Datasheet HTML 5Page - Motorola, Inc 54LS196 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-1
FAST AND LS TTL DATA
4-STAGE PRESETTABLE
RIPPLE COUNTERS
The SN54/74LS196 decade counter is partitioned into divide-by-two and di-
vide-by-five sections which can be combined to count either in BCD (8, 4, 2, 1)
sequence or in a bi-quinary mode producing a 50% duty cycle output. The
SN54/74LS197 contains divide-by-two and divide-by-eight sections which
can be combined to form a modulo-16 binary counter. Low Power Schottky
technology is used to achieve typical count rates of 70 MHz and power dis-
sipation of only 80 mW.
Both circuit types have a Master Reset (MR) input which overrides all other
inputs and asynchronously forces all outputs LOW. A Parallel Load input (PL)
overrides clocked operations and asynchronously loads the data on the Par-
allel Data inputs (Pn) into the flip-flops. This preset feature makes the circuits
usable as programmable counters. The circuits can also be used as 4-bit
latches, loading data from the Parallel Data inputs when PL is LOW and stor-
ing the data when PL is HIGH.
• Low Power Consumption — Typically 80 mW
• High Counting Rates — Typically 70 MHz
• Choice of Counting Modes — BCD, Bi-Quinary, Binary
• Asynchronous Presettable
• Asynchronous Master Reset
• Easy Multistage Cascading
• Input Clamp Diodes Limit High Speed Termination Effects
CONNECTION DIAGRAM DIP (TOP VIEW)
14
13
12
11
10
9
1234
56
8
7
VCC
MR
Q3
P3
P1
Q1
CP0
PL
Q2
P2
P0
Q0
CP1
GND
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
PIN NAMES
LOADING (Note a)
HIGH
LOW
CP0
Clock (Active LOW Going Edge)
1.0 U.L.
1.5 U.L.
Input to Divide-by-Two Section
CP1 (LS196)
Clock (Active LOW Going Edge)
2.0 U.L.
1.75 U.L.
Input to Divide-by-Five Section
CP1 (LS197)
Clock (Active LOW Going Edge)
1.0 U.L.
0.8 U.L.
Input to Divide-by-Eight Section
MR
Master Reset (Active LOW) Input
1.0 U.L.
0.5 U.L.
PL
Parallel Load (Active LOW) Input
0.5 U.L.
0.25 U.L.
P0–P3
Data Inputs
0.5 U.L.
0.25 U.L.
Q0–Q3
Outputs (Notes b, c)
10 U.L.
5 (2.5) U.L.
NOTES:
a. 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b. The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
b. Temperature Ranges.
c. In addition to loading shown, Q0 can also drive CP1.
SN54/74LS196
SN54/74LS197
4-STAGE PRESETTABLE
RIPPLE COUNTERS
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
14
1
D SUFFIX
SOIC
CASE 751A-02
LOGIC SYMBOL
CP0
CP1
PL
MR
P0
Q0
P1 P2 P3
Q1 Q2 Q3
1
4 10 3 11
12
2
9
5
13
6
8
VCC = PIN 14
GND = PIN 7


Similar Part No. - 54LS196

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54LS196 TI-54LS196 Datasheet
779Kb / 17P
50/30/100-MHz [RESETTABLE DECADE OR BINARY COUNTERS/LATCHES
More results

Similar Description - 54LS196

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4020BM NSC-CD4020BM Datasheet
136Kb / 6P
14-Stage, 12-Stage Ripple Carry Binary Counters
logo
STMicroelectronics
HCC40102B STMICROELECTRONICS-HCC40102B Datasheet
270Kb / 13P
8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Jun-1989
M54HC40102 STMICROELECTRONICS-M54HC40102 Datasheet
300Kb / 14P
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Mar-1993
logo
Texas Instruments
CD40102B TI-CD40102B Datasheet
572Kb / 14P
CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
logo
Fairchild Semiconductor
CD4020BC FAIRCHILD-CD4020BC Datasheet
84Kb / 8P
14-Stage Ripple Carry Binary Counters . 12-Stage Ripple Carry Binary Counters . 14-Stage Ripple Carry Binary Counters
logo
Intersil Corporation
CD40102BMS INTERSIL-CD40102BMS Datasheet
166Kb / 13P
CMOS 8-Stage Presettable Synchronous Down Counters
December 1992
logo
National Semiconductor ...
CD4060BC NSC-CD4060BC Datasheet
136Kb / 6P
14-Stage Ripple Carry Binary Counters
logo
ON Semiconductor
MC74HC163 ONSEMI-MC74HC163 Datasheet
144Kb / 16P
Presettable Counters
June, 2001 ??Rev. 9
logo
Motorola, Inc
SN54LS196 MOTOROLA-SN54LS196 Datasheet
93Kb / 6P
4-STAGE PRESETTABLE RIPPLE COUNTERS
logo
Texas Instruments
CD40102B TI1-CD40102B_15 Datasheet
1Mb / 17P
CMOS 8-stage Presettable Synchronous Down Counters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com