Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02AU/2K5E4 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF02AU/2K5E4
Description  5V Precision VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF02AU/2K5E4 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  REF02AU/2K5E4 Datasheet HTML 1Page - Burr-Brown (TI) REF02AU/2K5E4 Datasheet HTML 2Page - Burr-Brown (TI) REF02AU/2K5E4 Datasheet HTML 3Page - Burr-Brown (TI) REF02AU/2K5E4 Datasheet HTML 4Page - Burr-Brown (TI) REF02AU/2K5E4 Datasheet HTML 5Page - Burr-Brown (TI) REF02AU/2K5E4 Datasheet HTML 6Page - Burr-Brown (TI) REF02AU/2K5E4 Datasheet HTML 7Page - Burr-Brown (TI) REF02AU/2K5E4 Datasheet HTML 8Page - Burr-Brown (TI) REF02AU/2K5E4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REF02
4
SBVS003B
www.ti.com
TYPICAL PERFORMANCE CURVES
AT TA = +25°C, unless otherwise noted.
OUTPUT WIDEBAND NOISE
vs BANDWIDTH (0.1Hz to frequency indicated)
Frequency (Hz)
10
100
1k
10k
100k
1M
1k
100
10
1
OUTPUT CHANGE DUE TO THERMAL SHOCK
Time (s)
0.035
0.03
0.025
0.02
0.015
0.01
0.005
0
–10
0
10
2030
4050
60
Device immersed
in 75°C oil bath
T
A =
25°C
T
A =
75°C
V
IN = 15V
MAXIMUM LOAD CURRENT vs INPUT VOLTAGE
Input Voltage (V)
5
10
152025
35
30
25
20
15
10
5
0
500mW
Maximum
Dissipation
Short Circuit Protection
T
A = +25°C
LINE REGULATION vs SUPPLY VOLTAGE
Input Voltage (V)
6
5
4
3
2
1
0
6
6.5
7
7.5
8
8.5
9
9.5
10
85°C
25°C
125°C
–55°C
LINE REGULATION vs SUPPLY VOLTAGE
Input Voltage (V)
0.03
0.025
0.02
0.015
0.01
0.005
0
5
T
A = 25°C
10
15
20
25
30
LINE REGULATION vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1M
96
86
76
66
56
46
36
26
16
6
0.0003
0.001
0.003
0.01
0.031
0.1
0.31
1.0
3.1
10.0
V
S = 15V
T
A = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com