Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02AU/2K5E4 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF02AU/2K5E4
Description  5V Precision VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF02AU/2K5E4 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button REF02AU/2K5E4 Datasheet HTML 3Page - Burr-Brown (TI) REF02AU/2K5E4 Datasheet HTML 4Page - Burr-Brown (TI) REF02AU/2K5E4 Datasheet HTML 5Page - Burr-Brown (TI) REF02AU/2K5E4 Datasheet HTML 6Page - Burr-Brown (TI) REF02AU/2K5E4 Datasheet HTML 7Page - Burr-Brown (TI) REF02AU/2K5E4 Datasheet HTML 8Page - Burr-Brown (TI) REF02AU/2K5E4 Datasheet HTML 9Page - Burr-Brown (TI) REF02AU/2K5E4 Datasheet HTML 10Page - Burr-Brown (TI) REF02AU/2K5E4 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REF02
7
SBVS003B
www.ti.com
OUTPUT ADJUSTMENT
The REF02 trim terminal can be used to adjust the voltage
over a 5V
±150mV range. This feature allows the system
designer to trim system errors by setting the reference to a
voltage other than 5V, including 5.12V(1) for binary applica-
tions (see circuit on page 1).
Adjustment of the output does not significantly affect the
temperature performance of the device. The temperature
coefficient change is approximately 0.7ppm/
°C for 100mV of
output adjustment.
NOTE: (1) 20mV LSB for 8-bit applications.
TYPICAL APPLICATIONS
5k
Ω
OPA177
10k
Ω
10k
Ω
–15V
+15V
–5V
+5V
Trim
GND
V
IN
35
4
2
REF02
0.1
µF
V
O
Temp
6
FIGURE 2.
±5V Precision Reference.
REF02
GND
2
4
–18V
+18V
V
IN
FIGURE 1. Burn-In Circuit.
REFERENCE STACKING
PROVIDES OUTSTANDING LINE REGULATION
By stacking two REF01s and one REF02, a systems designer
can achieve 5V, 15V, and 25V outputs. One very important
advantage of this circuit is the near-perfect line regulation at
5V and 15V outputs. This circuit can accept a 27V to 55V
change to the input with less than the noise voltage as a
change to the output voltage. R
B, a load bypass resistor,
supplies current I
SY for the 15V regulator.
Any number of REF01s and REF02s can be stacked in this
configuration. For example, if ten devices are stacked in this
configuration, ten 5V or five 10V outputs are achieved. The
line voltage may range from 100V to 130V. Care should be
exercised to insure that the total load currents do not exceed
the maximum usable current, which is typically 21mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com