Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS243 Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LS243
Description  QUAD BUS TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS243 Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LS243 Datasheet HTML 1Page - Motorola, Inc SN54LS243 Datasheet HTML 2Page - Motorola, Inc SN54LS243 Datasheet HTML 3Page - Motorola, Inc SN54LS243 Datasheet HTML 4Page - Motorola, Inc SN54LS243 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-393
FAST AND LS TTL DATA
QUAD BUS TRANSCEIVER
The SN54/ 74LS242 and SN54 / 74LS243 are Quad Bus Transmitters / Re-
ceivers designed for 4-line asynchronous 2-way data communications
between data buses.
• Hysteresis at Inputs to Improve Noise Immunity
• 2-Way Asynchronous Data Bus Communication
• Input Clamp Diodes Limit High-Speed Termination Effects
LOGIC AND CONNECTION DIAGRAMS DIP (TOP VIEW)
14
13
12
11
10
9
1
2
3
4
5
6
8
7
VCC GBA NC
1B
2B
3B
4B
GBA
NC
1A
2A
3A
4A
GND
SN54 / 74LS242
SN54 / 74LS243
14
13
12
11
10
9
1
2
3
4
5
6
8
7
VCC GBA NC
1B
2B
3B
4B
GBA
NC
1A
2A
3A
4A
GND
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
TRUTH TABLES
SN54 / 74LS242
INPUTS
OUTPUT
INPUTS
OUTPUT
GAB
D
OUTPUT
GAB
D
OUTPUT
L
L
H
L
X
(Z)
L
H
L
H
L
H
H
X
(Z)
H
H
L
SN54/74LS243
INPUTS
OUTPUT
INPUTS
OUTPUT
GAB
D
OUTPUT
GAB
D
OUTPUT
L
L
L
L
X
(Z)
L
H
H
H
L
H
H
X
(Z)
H
H
L
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = HIGH Impedance
SN54/74LS242
SN54/74LS243
QUAD BUS TRANSCEIVER
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXDW SOIC
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
14
1
D SUFFIX
SOIC
CASE 751A-02


Similar Part No. - SN54LS243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS243 TI-SN54LS243 Datasheet
135Kb / 4P
QUADRUPLE BUS TRANSCEIVERS
SN54LS243 TI1-SN54LS243 Datasheet
900Kb / 14P
QUADRUPLE BUS TRANSCEIVERS
SN54LS243 TI2-SN54LS243 Datasheet
673Kb / 18P
QUADRUPLE BUS TRANSCEIVERS
REVISED JULY 2008
SN54LS243FK TI-SN54LS243FK Datasheet
135Kb / 4P
QUADRUPLE BUS TRANSCEIVERS
SN54LS243J TI-SN54LS243J Datasheet
135Kb / 4P
QUADRUPLE BUS TRANSCEIVERS
More results

Similar Description - SN54LS243

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC8T26A MOTOROLA-MC8T26A Datasheet
223Kb / 5P
QUAD THREE-STATE BUS TRANSCEIVER
logo
National Semiconductor ...
DS26S10 NSC-DS26S10 Datasheet
154Kb / 7P
Quad Bus Transceiver
DS36950 NSC-DS36950 Datasheet
776Kb / 12P
Quad Differential Bus Transceiver
DS36954 NSC-DS36954 Datasheet
156Kb / 10P
Quad Differential Bus Transceiver
DS8641 NSC-DS8641 Datasheet
78Kb / 5P
Quad Unified Bus Transceiver
DS8838 NSC-DS8838 Datasheet
82Kb / 5P
Quad Unified Bus Transceiver
logo
Maxim Integrated Produc...
MAX9157 MAXIM-MAX9157 Datasheet
357Kb / 16P
Quad Bus LVDS Transceiver
19-2287; Rev 0; 1/02
logo
List of Unclassifed Man...
8T26A ETC1-8T26A Datasheet
271Kb / 6P
3-State Quad Bus Transceiver
logo
Texas Instruments
DS36950 TI1-DS36950_15 Datasheet
518Kb / 17P
Quad Differential Bus Transceiver
DS36954 TI1-DS36954_16 Datasheet
1Mb / 19P
Quad Differential Bus Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com