Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS243 Datasheet(PDF) 2 Page - Motorola, Inc

Part # SN54LS243
Description  QUAD BUS TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS243 Datasheet(HTML) 2 Page - Motorola, Inc

  SN54LS243 Datasheet HTML 1Page - Motorola, Inc SN54LS243 Datasheet HTML 2Page - Motorola, Inc SN54LS243 Datasheet HTML 3Page - Motorola, Inc SN54LS243 Datasheet HTML 4Page - Motorola, Inc SN54LS243 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5-394
FAST AND LS TTL DATA
SN54/74LS242
• SN54/74LS243
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 3.0
mA
OH
54
74
– 12
– 15
mA
IOL
Output Current — Low
54
74
12
24
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VT+–VT–
Hysteresis
0.2
0.4
V
VCC = MIN
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
54, 74
2.4
3.4
V
VCC = MIN, IOH = – 3.0 mA
VOH
Output HIGH Voltage
54, 74
2.0
V
VCC = MIN, IOH = MAX
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
IOL = 12 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
VOL
Output LOW Voltage
74
0.35
0.5
V
IOL = 24 mA
VIN = VIL or VIH
per Truth Table
IOZH
Output Off Current HIGH
40
µA
VCC = MAX, VOUT = 2.7 V
IOZL
Output Off Current LOW
– 200
µA
VCC = MAX, VOUT = 0.4 V
IIH
Input HIGH Current
D, E1, E2
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
E1, E2
0.1
mA
VCC = MAX, VIN = 7.0 V
IH
D Input
0.1
mA
VCC = MAX, VIN = 5.5 V
IIL
Input LOW Current
– 0.2
mA
VCC = MAX, VIN = 0.4 V
IOS
Output Short Circuit Current (Note 1)
– 40
– 225
mA
VCC = MAX
ICC
Power Supply Current
Total, Output HIGH
38
mA
VCC = MAX
ICC
Total, Output LOW
50
mA
VCC = MAX
ICC
Total at HIGH Z
LS242
50
mA
VCC = MAX
Total at HIGH Z
LS243
54
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com