Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPX38 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # BPX38
Description  Silicon NPN Phototransistor NPN-Silizium-Fototransistor Version 1.1
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX38 Datasheet(HTML) 1 Page - OSRAM GmbH

  BPX38 Datasheet HTML 1Page - OSRAM GmbH BPX38 Datasheet HTML 2Page - OSRAM GmbH BPX38 Datasheet HTML 3Page - OSRAM GmbH BPX38 Datasheet HTML 4Page - OSRAM GmbH BPX38 Datasheet HTML 5Page - OSRAM GmbH BPX38 Datasheet HTML 6Page - OSRAM GmbH BPX38 Datasheet HTML 7Page - OSRAM GmbH BPX38 Datasheet HTML 8Page - OSRAM GmbH BPX38 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2014-01-14
1
2014-01-14
Silicon NPN Phototransistor
NPN-Silizium-Fototransistor
Version 1.1
BPX 38
Features:
Besondere Merkmale:
• Spectral range of sensitivity: (typ) 450 ... 1120
nm
• Spektraler Bereich der Fotoempfindlichkeit:
(typ) 450 ... 1120 nm
• Package: Metal Can (TO-18), hermetically sealed
• Gehäuse: Metall Gehäuse (TO-18), hermetisch
dicht
• Special: Base connection
• Besonderheit: Basisanschluss
• Suitable up to 125 °C
• Geeignet bis 125 °C
• High linearity
• Hohe Linearität
• Available in groups
• Gruppiert lieferbar
Applications
Anwendungen
• Photointerrupters
• Lichtschranken
• Industrial electronics
• Industrieelektronik
• For control and drive circuits
• Messen / Steuern / Regeln


Similar Part No. - BPX38

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
131Kb / 2P
PHOTOTRANSISTOR
logo
OSRAM GmbH
BPX38 OSRAM-BPX38 Datasheet
421Kb / 8P
Lead (Pb) Free Product - RoHS Compliant
logo
Siemens Semiconductor G...
BPX38-2 SIEMENS-BPX38-2 Datasheet
315Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38-3 SIEMENS-BPX38-3 Datasheet
315Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results

Similar Description - BPX38

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX43 SIEMENS-BPX43 Datasheet
313Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX81 SIEMENS-BPX81 Datasheet
210Kb / 4P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
LPT80A SIEMENS-LPT80A Datasheet
36Kb / 4P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
logo
OSA Opto Light GmbH
SFH310-2-3 OSA-SFH310-2-3 Datasheet
230Kb / 11P
Silicon NPN Phototransistor NPN-Silizium-Fototransistor Version 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com