Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPX38 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # BPX38
Description  Silicon NPN Phototransistor NPN-Silizium-Fototransistor Version 1.1
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX38 Datasheet(HTML) 3 Page - OSRAM GmbH

  BPX38 Datasheet HTML 1Page - OSRAM GmbH BPX38 Datasheet HTML 2Page - OSRAM GmbH BPX38 Datasheet HTML 3Page - OSRAM GmbH BPX38 Datasheet HTML 4Page - OSRAM GmbH BPX38 Datasheet HTML 5Page - OSRAM GmbH BPX38 Datasheet HTML 6Page - OSRAM GmbH BPX38 Datasheet HTML 7Page - OSRAM GmbH BPX38 Datasheet HTML 8Page - OSRAM GmbH BPX38 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Version 1.1
BPX 38
2014-01-14
3
Characteristics (TA = 25 °C)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength of max. sensitivity
Wellenlänge der max. Fotoempfindlichkeit
λS max
880
nm
Spectral range of sensitivity
Spektraler Bereich der Fotoempfindlichkeit
λ10%
450 ... 1120
nm
Radiant sensitive area
Bestrahlungsempfindliche Fläche
A
0.675
mm2
Dimensions of chip area
Abmessung der Chipfläche
L x W
1.02 x 1.02
mm x
mm
Half angle
Halbwinkel
ϕ
± 40
°
Photocurrent of collector-base photodiode
Fotostrom der Kollektor-Basis-Fotodiode
(λ = 950 nm, Ee = 0.5 mW/cm2, VCB = 5 V)
IPCB
1.8
μA
Photocurrent of collector-base photodiode
Fotostrom der Kollektor-Basis-Fotodiode
(EV = 1000 lx, Std. Light A, VCB = 5 V)
IPCB
5.5
μA
Capacitance
Kapazität
(VCE = 0 V, f = 1 MHz, E = 0)
CCE
23
pF
Capacitance
Kapazität
(VCB = 0 V, f = 1 MHz, E = 0)
CCB
39
pF
Capacitance
Kapazität
(VEB = 0 V, f = 1 MHz, E = 0)
CEB
47
pF
Dark current
Dunkelstrom
(VCE = 25 V, E = 0)
ICE0
20 (≤ 100)
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com