Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC106DM Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HSC106DM
Description  Sensitive Gate Silicon Controlled Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HSC106DM Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HSC106DM Datasheet HTML 1Page - SemiHow Co.,Ltd. HSC106DM Datasheet HTML 2Page - SemiHow Co.,Ltd. HSC106DM Datasheet HTML 3Page - SemiHow Co.,Ltd. HSC106DM Datasheet HTML 4Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
◎ SEMIHOW REV.A2 JUN 2007
Repetitive Peak Off-State Voltage (VRM= 400V/600V)
R.M.S On-state Current (IT(RMS)=4.0A)
Average On-state Current (IT(AV)=2.55A)
Sensitive Gate Triggering (0.2mAMax@25℃)
FEATURES
HSC106D/M
Sensitive Gate Silicon Controlled Rectifier
Glassivated PNPN devices designed for high volume consumer
applications such as temperature, light and speed control ; process
and remote control, and warning systems where reliability of
operation is important.
General Description
VDRM =
400V / 600V
IT(RMS) = 4.0A
1.Cathode
Symbol
2.Anode
3.Gate
V
400
600
Repetitive Peak Off-State Voltage (Reverse)
HSC106D
HSC106M
VRRM
℃
-40 to +110
Operating Junction Temperature
Tj
℃
-40 to +150
Storage Temperature Range
TSTG
A
0.2
Forward Peak Gate Current
(Pulse Width ≤1.0 μsec, Tc=80℃)
IFGM
V
6.0
Reverse Peak Gate Voltage
VGRM
W
0.1
Forward Average Gate Power Dissipation
(Pulse Width ≤1.0μsec, Tc=80℃)
PG(AV)
W
0.5
Forward Peak Gate Power Dissipation
(Pulse Width ≤1.0μsec,Tc=80℃)
PGM
A
2s
1.65
Circuit Fusing Considerations (t=8.3mS)
I
2t
A
20
Surge On-State Current
(1/2 Cycle, 60Hz, Sine Wave, Non-repetitive, Tj = 110 °C)
ITSM
A
2.55
On-State Average Current
(180˚ Condition Angles, TC=80℃)
IT(AV)
A
4.0
On-State R.M.S Current
(180˚ Condition Angles, TC=80℃)
IT(RMS)
V
400
600
Repetitive Peak Off-State Voltage (Forward) HSC106D
HSC106M
VDRM
Units
Value
Parameter
Symbol
Absolute Maximum Ratings
(
TJ=25℃)
HSC106D/M
1
2
3
1. K
2. A
3. G
TO-126


Similar Part No. - HSC106DM

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HSC106D SEMIHOW-HSC106D Datasheet
216Kb / 4P
Sensitive Gate Silicon Controlled Rectifier
HSC106D SEMIHOW-HSC106D Datasheet
354Kb / 4P
Silicon Controlled Rectifier
HSC106D_M SEMIHOW-HSC106D_M Datasheet
354Kb / 4P
Silicon Controlled Rectifier
More results

Similar Description - HSC106DM

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5426 NTE-NTE5426 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR) Sensitive Gate
logo
ON Semiconductor
NCR169D ONSEMI-NCR169D Datasheet
67Kb / 8P
General Purpose Sensitive Gate Silicon Controlled Rectifier
December, 2000 ??Rev. 0
logo
Suntac Electronic Corp.
MCR100-8 SUNTAC-MCR100-8 Datasheet
135Kb / 4P
SENSITIVE GATE SILICON CONTROLLED RECTIFIER
OT391 SUNTAC-OT391 Datasheet
88Kb / 4P
SENSITIVE GATE SILICON CONTROLLED RECTIFIER
CR02AM SUNTAC-CR02AM Datasheet
85Kb / 4P
Sensitive Gate Silicon controlled Rectifier
CR03AM SUNTAC-CR03AM Datasheet
128Kb / 4P
Sensitive Gate Silicon Controlled Rectifier
X0105DN SUNTAC-X0105DN Datasheet
148Kb / 4P
Sensitive Gate Silicon Controlled Rectifier
X0205MN SUNTAC-X0205MN Datasheet
82Kb / 4P
Sensitive Gate Silicon Controlled Rectifier
logo
SHANTOU HUASHAN ELECTRO...
HC106D HUASHAN-HC106D Datasheet
184Kb / 3P
Sensitive Gate Silicon Controlled Rectifier
logo
SemiHow Co.,Ltd.
HSC106D SEMIHOW-HSC106D Datasheet
216Kb / 4P
Sensitive Gate Silicon Controlled Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com