Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC106DM Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HSC106DM
Description  Sensitive Gate Silicon Controlled Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HSC106DM Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HSC106DM Datasheet HTML 1Page - SemiHow Co.,Ltd. HSC106DM Datasheet HTML 2Page - SemiHow Co.,Ltd. HSC106DM Datasheet HTML 3Page - SemiHow Co.,Ltd. HSC106DM Datasheet HTML 4Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
◎ SEMIHOW REV.A2 JUN 2007
Fig 5. Typical Gate Trigger Voltage vs
Junction Temperature
Fig 1. Average Current Derating
0
.4
.8
1.2 1.6 2.0 2.4
2.8 3.2 3.6 4.0
I
T(AV) Average On-State Current (A)
110
100
90
80
70
60
50
40
30
20
10
Fig 2. Maximum On-State Power Dissipation
0
.4
.8
1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
I
T(AV) Average On-State Current (A)
10
8
6
4
2
0
Fig 3. Typical Gate Trigger Current vs
Junction Temperature
-40 -25 -10
5
20
35
50
65
80
95 110
T
J Junction Temperature (
℃)
100
10
1
Fig 4. Typical Holding Current vs
Junction Temperature
-40 -25 -10
5
20
35
50
65
80
95 110
100
10
1
T
J Junction Temperature (
℃)
-40 -25 -10
5
20
35
50
65
80
95 110
1.0
0.6
0.2
0.3
0.4
0.5
0.7
0.8
0.9
T
J Junction Temperature (
℃)
Fig 6. Typical Latching Current vs
Junction Temperature
-40 -25 -10
5
20
35
50
65
80
95 110
1000
100
10
T
J Junction Temperature (
℃)
Performance Curves
Half Sine Wave
Resistive or Inductive Load
50 to 400Hz
Half Sine Wave
Resistive or Inductive Load
50 to 400Hz
DC
DC
Junction Temperature = 110℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com