Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTD4-600 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HTD4-600
Description  600V 4A TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTD4-600 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HTD4-600 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTD4-600 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTD4-600 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTD4-600 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTD4-600 Datasheet HTML 5Page - SemiHow Co.,Ltd. HTD4-600 Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HTD4-600 / HTU4-600
600V 4A TRIAC
VDRM = 600 V
IT(RMS) = 4.0 A
1.T1 2. T2 3. Gate
Repetitive Peak Off-State Voltage: 600V
R.M.S On-State Current (IT(RMS) = 4A)
High Commutation dv/dt
Sensitive Gate Triggering 4 Mode
FEATURES
HTU4-600
TO-251
2
1
3
2
1
3
TO-252
HTD4-600
General Description
The devices is sensitive gate TRIAC suitable for direct coupling to
TTL,HTL,CMOS and application such as various logic functions,
low power AC switching applications, such as fan speed, small light
controllers and home appliance equipment.
Absolute Maximum Ratings
(Ta=25℃)
Symbol
Parameter
Value
Units
Symbol
Parameter
Value
Units
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(RMS)
R.M.S On-State Current (Ta = 107℃)
4A
ITSM
Surge On-State Current
(One Cycle, 50/60Hz, Peak, Non Repetitive)
50Hz
30
A
60Hz
33
A
VGM
Peak Gate Voltage
7
V
I
Peak Gate Current
1
A
IGM
Peak Gate Current
1
A
PGM
Peak Gate Power Dissipation
1.5
W
TSTG
Storage Temperature Range
-40 to +125
℃
TJ
Operating Temperature
-40 to +125
℃
◎ SEMIHOW REV.A0,Jan 2010


Similar Part No. - HTD4-600

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
HTD EDI-HTD Datasheet
41Kb / 2P
Operation High Voltage Rectifier Assemblies
logo
List of Unclassifed Man...
HTD ETC2-HTD Datasheet
925Kb / 14P
CONTACTOR 60 AMP
logo
Weller Tools
HTD WELLER-HTD Datasheet
80Kb / 4P
Soldering Tips
logo
RMT Ltd.
HTD04-059-08D12 RMT-HTD04-059-08D12 Datasheet
1Mb / 5P
Thermoelectric Solutions
HTD04-127-05D16 RMT-HTD04-127-05D16 Datasheet
1Mb / 5P
Thermoelectric Solutions
More results

Similar Description - HTD4-600

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
TRIAC, 4A Sensitive Gate
logo
STMicroelectronics
T405Q-600B-TR STMICROELECTRONICS-T405Q-600B-TR Datasheet
70Kb / 7P
Sensitive 4Q 4A TRIAC
Jul-2002
BTB04-600SL STMICROELECTRONICS-BTB04-600SL Datasheet
69Kb / 5P
STANDARD 4A TRIAC
Mar-2002
logo
SemiHow Co.,Ltd.
HTU4-600 SEMIHOW-HTU4-600 Datasheet
322Kb / 5P
600V 4A TRIAC
logo
Hi-Sincerity Mocroelect...
HST04 HSMC-HST04 Datasheet
130Kb / 4P
TRIAC 600V,4A
logo
Shindengen Electric Mfg...
D4F60-5063 SHINDENGEN-D4F60-5063 Datasheet
395Kb / 3P
600V 4A
logo
SemiHow Co.,Ltd.
HTM4-600 SEMIHOW-HTM4-600 Datasheet
338Kb / 6P
600V 4A TRIAC
HTX4-600 SEMIHOW-HTX4-600 Datasheet
266Kb / 6P
600V 4A TRIAC
HTC4-600 SEMIHOW-HTC4-600 Datasheet
338Kb / 6P
600V 4A TRIAC
logo
DONGGUAN YOU FENG WEI E...
BT134 YFWDIODE-BT134 Datasheet
619Kb / 4P
4A Four-quadrant triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com