Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS4A80AS Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HTS4A80AS
Description  3 Quadrants 4A TRIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTS4A80AS Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HTS4A80AS Datasheet HTML 1Page - SemiHow Co.,Ltd. HTS4A80AS Datasheet HTML 2Page - SemiHow Co.,Ltd. HTS4A80AS Datasheet HTML 3Page - SemiHow Co.,Ltd. HTS4A80AS Datasheet HTML 4Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HTS4A80AS
3 Quadrants 4A TRIAC
V
DRM = 1000 V
I
T(RMS) = 4 A
I
TSM = 33 A
I
GT = 10 mA
Absolute Maximum Ratings
(T
J=25
unless otherwise specified )
Symbol
Parameter
Conditions
Ratings
Unit
V
DRM
Repetitive Peak Off-State Voltage
Sine wave, 50/60Hz,
Gate open
1000
V
V
RRM
Repetitive Peak Reverse Voltage
1000
V
V
DSM
Non-Repetitive Surge Peak Off-State Voltage
1100
V
V
RSM
Non-Repetitive Peak Reverse Voltage
1100
V
I
T(RMS)
R.M.S. On-State Current
½ cycle, T
C = 100
oC4
A
I
TSM
Non-Repetitive Surge Peak On-State Current
½ cycle, 50Hz/60Hz
30/33
A
I2t
Fusing Current
t = 10ms
4.5
A2S
P
GM
Forward Peak Gate Power
Dissipation
T
J = 125
C
5.4
W
P
G(AV)
Forward Average Gate Power
Dissipation
T
J = 125
C
0.1
W
I
GM
Peak Gate Current
tp=20us, T
J = 125
C
1A
T
J
Operating Junction Temperature
-40~+125
oC
T
STG
Storage Temperature
-40~+150
oC
T2
T1
G
TO-220F
FEATURES
Repetitive Peak Off-State Voltage : 1000V
R.M.S On–State Current (I
T(RMS) = 4A)
Gate Trigger Current : 10mA
dV/dt
600V/us
General Description
The HTS4A80AS suitable for general purpose AC switching. It can
be used as an ON/OFF function in applications such as static
relays, heating regulation, induction motor starting ciruits or for
phase control operation in light dimmers, motor speed controllers.
Symbol


Similar Part No. - HTS4A80AS

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTS4A80A SEMIHOW-HTS4A80A Datasheet
374Kb / 5P
3 Quadrants Standard TRIAC
More results

Similar Description - HTS4A80AS

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTC4A60H SEMIHOW-HTC4A60H Datasheet
540Kb / 6P
3 Quadrants Standard TRIAC
HTP6A60H SEMIHOW-HTP6A60H Datasheet
390Kb / 6P
3 Quadrants Standard TRIAC
HTP8A60H SEMIHOW-HTP8A60H Datasheet
400Kb / 6P
3 Quadrants Standard TRIAC
HTP12A80H SEMIHOW-HTP12A80H Datasheet
407Kb / 6P
3 Quadrants Standard TRIAC
HTP16A80H SEMIHOW-HTP16A80H Datasheet
409Kb / 6P
3 Quadrants Standard TRIAC
HTS6A60H SEMIHOW-HTS6A60H Datasheet
377Kb / 5P
3 Quadrants Standard TRIAC
HTS8A80H SEMIHOW-HTS8A80H Datasheet
388Kb / 5P
3 Quadrants Standard TRIAC
HTS10A80AS SEMIHOW-HTS10A80AS Datasheet
106Kb / 4P
3 Quadrants 10A TRIAC
HTS12A80H SEMIHOW-HTS12A80H Datasheet
394Kb / 5P
3 Quadrants Standard TRIAC
HTS16A80H SEMIHOW-HTS16A80H Datasheet
396Kb / 5P
3 Quadrants Standard TRIAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com