Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS4A80AS Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HTS4A80AS
Description  3 Quadrants 4A TRIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTS4A80AS Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HTS4A80AS Datasheet HTML 1Page - SemiHow Co.,Ltd. HTS4A80AS Datasheet HTML 2Page - SemiHow Co.,Ltd. HTS4A80AS Datasheet HTML 3Page - SemiHow Co.,Ltd. HTS4A80AS Datasheet HTML 4Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thermal Characteristics
Electrical Characteristics
(T
J=25
unless otherwise specified )
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I
DRM
Repetitive Peak Off-State Current
V
D = VDRM
T
J=25
oC-
-
10
uA
T
J=125
oC-
-
1
mA
I
RRM
Repetitive Peak Reverse Current
V
R = VRRM
T
J=25
oC-
-
10
uA
T
J=125
oC-
-
1
mA
I
GT
Gate Trigger Current
V
D = 12V, RL=33
1+
-
-
6
mA
1-, 3-
-
-
10
mA
V
GT
Gate Trigger Voltage
V
D = 12V, RL=33
1+, 1-, 3-
-
-
1.4
V
V
GD
Non-Trigger Gate Voltage
V
D = 2/3VDRM, RL=3.3K
,
T
J=125
oC
0.2
-
-
V
I
L
Latching Current
I
G= 1.2IGT
1+, 3-
-
-
30
mA
1-
-
-
45
mA
I
H
Holding Current
I
T= 100mA
-
-
25
mA
V
TM
Peak On-State Voltage
I
T = 5.6A, tp = 380uS
-
-
1.55
V
dv/dt
Critical Rate of Rise of Off-State
Voltage
V
D = 2/3 VDRM, Gate open,
T
J=125
oC
600
-
-
V/us
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
R
JC
Thermal Resistance
Junction to Case
4.6
o
C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com