Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTX2-600 Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HTX2-600
Description  Repetitive Peak Off-State Voltage: 600V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTX2-600 Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HTX2-600 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTX2-600 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTX2-600 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTX2-600 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTX2-600 Datasheet HTML 5Page - SemiHow Co.,Ltd. HTX2-600 Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
◎ SEMIHOW REV.1.0 Jan 2006
Electrical Characteristics (Ta=25℃)
Symbol
Parameter
Min
Typ
Max
Units
IGT
Gate Trigger Current
VD=6V, RL=10Ω
1+, 1-, 3-
20
mA
VGT
Gate Trigger Voltage
VD=6V, RL=10Ω
1+, 1-, 3-
1.5
V
VGD
Non Trigger Gate
Voltage
0.2
V
(dv/dt)c
Critical Rate of Rise of
Off-State Voltage at
Communication
5V/uS
IH
HoldingCurrent
5
mA
IDRM
Repetitive Peak Off-
State Current
0.5
mA
VTM
Peak On-State Voltage
1.6
V
Test Conditions
Tj=125
℃, VD=1/2VDRM
IT=6A, Inst, Measurement
Tj=125
℃, VD=2/3VDRM
(di/dt)c=-0.75A/ms
VD=VDRM, Single Phase, Half Wave,
Tj=125℃
Thermal Characteristics
Symbol
Parameter
Min
Typ
Max
Units
RTH(J-C)
Thermal Resistance
6.25
℃/W
Junction to Case
Test Conditions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com