Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTX2-600 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HTX2-600
Description  Repetitive Peak Off-State Voltage: 600V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTX2-600 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HTX2-600 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTX2-600 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTX2-600 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTX2-600 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTX2-600 Datasheet HTML 5Page - SemiHow Co.,Ltd. HTX2-600 Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
◎ SEMIHOW REV.1.0 Jan 2006
Repetitive Peak Off-State Voltage: 600V
R.M.S On-state Current (IT(RMS)=2A)
High Commutation dv/dt
FEATURES
HTx2-600
The Triac HTx2-600 is suitable for AC switching application, phase
control application such as heater control, motor control, lighting control,
and static switching relay.
General Description
1.T1 2. T2 3. Gate
VDRM = 600 V
IT(RMS) = 2.0A
1.T1
Symbol
2.T2
3.Gate
Absolute Maximum Ratings
(
Ta=25℃)
Symbol
Parameter
Value
Units
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(RMS)
R.M.SOn-State Current (Ta = 66
℃)1.5
A
VGM
Peak Gate Voltage
6
V
IGM
Peak Gate Current
0.5
A
PGM
Peak Gate Power Dissipation
1
W
TSTG
Storage Temperature Range
-40 to +125
℃
Tj
OperatingTemperature Range
-40 to +125
℃
ITSM
13/15
A
Surge On-State Current
(One Cycle, 50/60Hz, Peak, Non Repetitive)
HTC2-600
HTM2-600


Similar Part No. - HTX2-600

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
HTX RMT-HTX Datasheet
869Kb / 36P
Operating Manual
logo
Taiyo Yuden (U.S.A.), I...
HTX-16V151MF80-R2 TAIYO-YUDEN-HTX-16V151MF80-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-16V151MF80Q-R2 TAIYO-YUDEN-HTX-16V151MF80Q-R2 Datasheet
245Kb / 2P
FOR AUTOMOTIVE CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-16V820MF61-R2 TAIYO-YUDEN-HTX-16V820MF61-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-16V820MF61Q-R2 TAIYO-YUDEN-HTX-16V820MF61Q-R2 Datasheet
245Kb / 2P
FOR AUTOMOTIVE CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
More results

Similar Description - HTX2-600

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6075 NJSEMI-2N6075 Datasheet
133Kb / 1P
REPETITIVE PEAK OFF-STATE VOLTAGE
2N6165 NJSEMI-2N6165 Datasheet
173Kb / 2P
REPETITIVE PEAK OFF-STATE VOLTAGE
logo
NXP Semiconductors
BT137X-600D NXP-BT137X-600D Datasheet
114Kb / 8P
Repetitive peak off-state voltages
June 2001
logo
Apollo Electron Co., Lt...
TF12A60 APOLLOELECTRON-TF12A60 Datasheet
1Mb / 6P
Repetitive Peak Off-State Voltage : 600V
logo
SemiHow Co.,Ltd.
HTA55A160BW SEMIHOW-HTA55A160BW Datasheet
409Kb / 4P
Repetitive Peak Off-State Voltage
HTH40A80BW SEMIHOW-HTH40A80BW Datasheet
384Kb / 4P
Repetitive Peak Off-State Voltage
HTS6A80AS SEMIHOW-HTS6A80AS Datasheet
309Kb / 4P
Repetitive Peak Off-State Voltage
MCK22-8 SEMIHOW-MCK22-8 Datasheet
379Kb / 4P
Repetitive Peak Off-State Voltage
logo
STMicroelectronics
P010XX STMICROELECTRONICS-P010XX Datasheet
178Kb / 12P
Repetitive peak off-state voltage up to 600 V
April 2014 Rev 2
logo
Shanghai Leiditech Elec...
BTA16 LEIDITECH-BTA16 Datasheet
690Kb / 4P
Off-state repetitive peak voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com