Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTX4-600 Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HTX4-600
Description  600V 4A TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTX4-600 Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HTX4-600 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTX4-600 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTX4-600 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTX4-600 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTX4-600 Datasheet HTML 5Page - SemiHow Co.,Ltd. HTX4-600 Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Typical Characteristics
1
10
Fig 1. Gate Characteristics
Fig 2. On-State Voltage
101
102
103
0.1
1
On-State Voltage [V]
Gate Current [mA]
Fig 3. Gate Trigger Voltage
vs. Junction Temperature
Fig 4. On-State Current
vs. Maximum power Dissipation
RMS On-State Current [A]
Junction Temperature [℃]
Fig 5. On-State Current
vs. Allowable Case Temperature
Fig 6. Surge On-State Current
Rating (Non-Repetitive)
100
101
102
Time [Cycles]
RMS On-State Current [A]
◎ SEMIHOW REV.A0,Dec 2010



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com