Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTX4-600 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HTX4-600
Description  600V 4A TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTX4-600 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HTX4-600 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTX4-600 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTX4-600 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTX4-600 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTX4-600 Datasheet HTML 5Page - SemiHow Co.,Ltd. HTX4-600 Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HTx4-600
600V 4A TRIAC
VDRM = 600 V
IT(RMS) = 4.0 A
1.T1 2. T2 3. Gate
Repetitive Peak Off-State Voltage: 600V
R.M.S On –State Current (IT(RMS) = 4A)
High Commutation dv/dt
FEATURES
HTP4-600
2
1
3
TO-220
2
1
3
TO-220F
HTS4-600
General Description
The TRIAC HTP4-600 is suitable for AC switching application, phase
control application such as heater control, motor control, lighting control,
and static switching relay.
Symbol
Parameter
Value
Units
Absolute Maximum Ratings
(Ta=25℃)
Symbol
Parameter
Value
Units
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(RMS)
R.M.S On-State Current (Ta = 66℃)
4A
ITSM
Surge On-State Current
(One Cycle, 50/60Hz, Peak, Non Repetitive)
50Hz
30
A
60Hz
33
A
VGM
Peak Gate Voltage
7
V
I
Peak Gate Current
05
A
IGM
Peak Gate Current
0.5
A
PGM
Peak Gate Power Dissipation
3
W
VISO
Isolation Breakdown Boltate, AC RMS 1Min
(HTS4-600 only)
1500
V
TSTG
Storage Temperature Range
-40 to +125
℃
TJ
Operating Temperature
-40 to +125
℃
◎ SEMIHOW REV.A0,Dec 2010


Similar Part No. - HTX4-600

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTX4-600S SEMIHOW-HTX4-600S Datasheet
297Kb / 7P
NON INSULATED TYPE SENSITIVE GATE TRIAC
More results

Similar Description - HTX4-600

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
TRIAC, 4A Sensitive Gate
logo
STMicroelectronics
T405Q-600B-TR STMICROELECTRONICS-T405Q-600B-TR Datasheet
70Kb / 7P
Sensitive 4Q 4A TRIAC
Jul-2002
BTB04-600SL STMICROELECTRONICS-BTB04-600SL Datasheet
69Kb / 5P
STANDARD 4A TRIAC
Mar-2002
logo
SemiHow Co.,Ltd.
HTU4-600 SEMIHOW-HTU4-600 Datasheet
322Kb / 5P
600V 4A TRIAC
logo
Hi-Sincerity Mocroelect...
HST04 HSMC-HST04 Datasheet
130Kb / 4P
TRIAC 600V,4A
logo
Shindengen Electric Mfg...
D4F60-5063 SHINDENGEN-D4F60-5063 Datasheet
395Kb / 3P
600V 4A
logo
SemiHow Co.,Ltd.
HTD4-600 SEMIHOW-HTD4-600 Datasheet
211Kb / 6P
600V 4A TRIAC
HTM4-600 SEMIHOW-HTM4-600 Datasheet
338Kb / 6P
600V 4A TRIAC
HTC4-600 SEMIHOW-HTC4-600 Datasheet
338Kb / 6P
600V 4A TRIAC
logo
DONGGUAN YOU FENG WEI E...
BT134 YFWDIODE-BT134 Datasheet
619Kb / 4P
4A Four-quadrant triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com